Electronic Components Datasheet Search
  English  ▼

X  

MAX4534CSD Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4534CSD
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4534CSD Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4534CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 9Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 10Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 11Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 12Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 13Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 14Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 15Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
12
______________________________________________________________________________________
50%
tOFF(EN)
tR < 20ns
tF < 20ns
+3V
0
0
10V
LOGIC
INPUT
VEN
SWITCH
OUTPUT
VOUT
V+
VOUT
V-
GND
V+
A1
V-
A0
EN
NO1
NO2–NO4
COM
+10V
50
Ω
MAX4534
RL
35pF
tON(EN)
V+
VOUT
V-
GND
V+
V-
A0
EN
NO1B
NO1A, NO2A
NO2B, COMA
COMB
+10V
50
Ω
MAX4535
RL
35pF
VEN
VEN
90%
90%
Figure 2. Address Transition Time
Figure 3. Enable Switching Time
Test Circuits/Timing Diagrams
50%
tTRANS
tR < 20ns
tF < 20ns
VOUT
+3V
0
VNO__
VNO__
LOGIC
INPUT
VA_
SWITCH
OUTPUT
V+
VOUT
V-
GND
V+
A1
V-
A0
EN
NO1
NO2, NO3
NO4
COM
+10V
-10V
MAX4534
RL
35pF
V+
VOUT
V-
GND
V+
A0
V-
EN
NO1B
NO1A, NO2A
NO2B
COMB
+10V
-10V
MAX4535
RL
35pF
90%
90%
tTRANS
ON
+5V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com