Electronic Components Datasheet Search
  English  ▼

X  

MAX4536EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4536EEE
Description  Quad, Low-Voltage, SPST Analog Switches with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4536EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4536EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
+25°C
Quad, Low-Voltage,
SPST Analog Switches with Enable
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—+5V Single Supply
(V+ = 4.5V to 5.5V, V- = 0V, VINH = 2.4V, VINL = 0.8V, V EN = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
VCOM_ = 3V, V+ = 4.5V
(Figure 1)
VCOM_ = 3V, V+ = 4.5V
(Figure 1)
(Note 4)
ns
VIN_ = 0.8V or 2.4V
V+ = 5.5V, VCOM_ = 1V, 4.5V,
VN_ = +4.5V, 1V
V+ = 5.5V, VCOM_ = 1V, 4.5V,
20
125
V+ = 4.5V, VCOM_ = 3.5V,
ICOM_ = 1mA
tON
V+ = 4.5V, VCOM_ = 3.5V,
ICOM_ = 1mA
Turn-On Time
ns
V+ = 5.5V, VCOM_ = 1V, 4.5V,
VN_ = +4.5V, 1V
CONDITIONS
50
100
C, E
+25°C
100
tOFF
Turn-Off Time
ns
80
C, E
+25°C
V+ = 5.5V, all VIN_ = 0V or V+
µA
-1
0.03
1
IINH_, IINL_
EN, IN_ Input Current Logic
High or Low
V
0.8
1.4
VINL
EN, IN_ Input Logic Threshold Low
V
1.4
2.4
VINH
EN, IN_ Input Logic Threshold High
nA
-20
20
ICOM_(ON)
COM_ On-Leakage Current
(Note 7, 10)
CL = 1.0nF, VNO = 0V, RS = 0Ω
-2
0.01
2
MAX4538, VCOM_ = 3V,
V+ = 5.5V (Figure 2)
nA
-10
10
ICOM_(OFF)
COM_ Off-Leakage Current
(Notes 7, 10)
90
200
µA
-10
10
V
0V+
VCOM_,
VNO_, VNC
Analog Signal Range
pC
-1
0.01
1
Q
nA
-10
10
INO_(OFF),
INC_(OFF)
NO_, NC_ Off-Leakage Current
(Notes 7, 10)
Charge Injection (Figure 3) (Note 4)
-1
0.01
1
tBBM
Break-Before-Make Time Delay
I+
Ω
225
RON
COM_ -NO_, COM_ -NC_
On-Resistance
28
V+ Supply Current
Ω
10
∆RON
COM_ -NO_, COM_ -NC_
On-Resistance Match Between
Channels (Note 5)
-1
0.05
1
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
+25°C
C, E
+25°C
C, E
C, E
C, E
C, E
+25°C
C, E
C, E
+25°C
C, E
+25°C
C, E
+25°C
C, E
TA
ANALOG SWITCH
LOGIC INPUT
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY
525
+25°C
+25°C
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com