Electronic Components Datasheet Search
  English  ▼

X  

MAX4536EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4536EEE
Description  Quad, Low-Voltage, SPST Analog Switches with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4536EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4536EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4536EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
+25°C
Quad, Low-Voltage,
SPST Analog Switches with Enable
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—+3V Single Supply
(V+ = 2.7V to 3.6V, V- = 0V, VINH = 2.0V, VINL = 0.5V, VEN = 0.5V, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
VCOM_ = 1.5V, V+ = 2.7V
(Figure 1)
VCOM_ = 1.5V, V+ = 2.7V
(Figure 1)
(Note 4)
ns
VIN_ = 0.8V or 2.4V
300
V+ = 2.7V, VCOM_ = 1.5V,
ICOM_ = 0.1mA
tON
Turn-On Time
ns
CONDITIONS
80
250
C, E
+25°C
120
tOFF
Turn-Off Time
ns
40
100
C, E
+25°C
V+ = 3.6V, all VIN_ = 0V or V+
µA
-1
0.03
1
IINH_, IINL_
EN, IN_ Input Current Logic
High or Low
V
0.5
0.9
VINL
EN, IN_ Input Logic Threshold Low
V
0.9
2.0
VINH
EN, IN_ Input Logic Threshold High
CL = 1.0nF, VNO = 0V, RS = 0Ω
MAX4538, VCOM_ = 1.5V,
V+ = 3.6V (Figure 2)
210
500
µA
-10
10
V
0V+
VCOM_,
VNO_, VNC
Analog Signal Range
pC
Q
Charge Injection (Figure 3)
10
40
tBBM
Break-Before-Make Time Delay
I+
+25°C
Ω
600
RON
COM_ -NO_, COM_ -NC_
On-Resistance
V+ Supply Current
-1
0.05
1
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
+25°C
C, E
+25°C
C, E
C, E
C, E
C, E
C, E
TA
ANALOG SWITCH
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS (Note 4)
LOGIC INPUT
Note 3: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 4: Guaranteed by design.
Note 5:
∆RON = ∆RON(MAX) - ∆RON(MIN).
Note 6: Resistance flatness is defined as the difference between the maximum and the minimum value of on-resistance as
measured over the specified analog-signal range.
Note 7: Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at
TA = +25°C.
Note 8: Off-isolation = 20log10 [VCOM_ / (VNC_ or VNO_)], VCOM_ = output, VNC_ or VNO_ = input to off switch.
Note 9: Between any two switches.
Note 10: Leakage testing for single-supply operation is guaranteed by testing with dual supplies.
+25°C
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com