Electronic Components Datasheet Search
  English  ▼

X  

MAX4540CAP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4540CAP
Description  Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4540CAP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4540CAP Datasheet HTML 9Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 10Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 11Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 12Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 13Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 14Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 15Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 16Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Low-Voltage, Single 8-to-1 and
Dual 4-to-1 Cal-Multiplexers
______________________________________________________________________________________
13
Single-Supply Operation
The MAX4539/MAX4540 operate from a single supply
between +2.7V and +12V when V- is connected to
GND. All of the bipolar precautions must be observed.
However, these parts are optimized for ±5V operation,
and most AC and DC characteristics are degraded sig-
nificantly when departing from ±5V. As the overall sup-
ply voltage (V+ to V-) is lowered, switching speed,
on-resistance, off isolation, and distortion will degrade.
(see the
Typical Operating Characteristics section).
Single-supply operation also limits signal levels and
interferes with ground referenced signals. When V- = 0,
AC signals are limited to -0.3V. Voltages below -0.3V can
be clipped by the internal ESD-protection diodes, and
the parts can be damaged if excessive current flows.
Power Up
During power up, on-chip latches will strobe whatever
addresses are present if EN goes high before LATCH
reaches a logic high. When this condition occurs, one of
the internal dividers connected between the supplies
may inadvertently turn on, causing higher supply current
(~200µA supply current) when the enable input is tog-
gled. Avoid this condition by ensuring that EN pin stays
low until the remaining logic inputs are valid. To accom-
plish this, connect a resistor from EN to ground or apply
a low voltage to EN before the other logic inputs go high.
Power Off
When power to the MAX4539/MAX4540 is off (i.e., V+ =
V- = 0), the Absolute Maximum Ratings still apply. This
means that neither logic-level inputs on NO_ nor sig-
nals on COM_ can exceed ±0.3V. Voltages beyond
±0.3V cause the internal ESD-protection diodes to con-
duct, and the parts can be damaged if excessive cur-
rent flows.
Chip Information
TRANSISTOR COUNT: 561
Test Circuits/Timing Diagrams
50%
50%
tR < 20ns
tF < 20ns
VCOM
V+
0V
VNO1, VNO1B
0V
VNO8, VNO4B
LOGIC
INPUT
VEN
SWITCH
OUTPUT
+5V
-5V
GND
V+
V+
V+
A1
A2
V-
EN
LATCH
CAL
A0
NO1
NO2–NO7
NO8
COM
+3V
-3V
50
Ω
MAX4539
300
Ω
35pF
A1
A0
+5V
VCOM
VCOM
-5V
GND
V+
V-
EN
NO1B
NO2B–NO3B
NO1A–NO2A
NO4B
COMB
+3V
50
Ω
MAX4540
300
Ω
35pF
90%
90%
tTRANS
tTRANS
-3V
LATCH
CAL
Figure 1. Transition Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com