Electronic Components Datasheet Search
  English  ▼

X  

MAX4540CAP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4540CAP
Description  Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4540CAP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4540CAP Datasheet HTML 1Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 2Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 3Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 4Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 5Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 6Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 7Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 8Page - Maxim Integrated Products MAX4540CAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Low-Voltage, Single 8-to-1 and
Dual 4-to-1 Cal-Multiplexers
_______________________________________________________________________________________
3
CONDITIONS
VEN = VA_ = VLATCH = VCAL = V+
µA
-0.1
0.01
0.1
IIH
Input Current with Input
Voltage High
V
1.4
0.8
VIL
Input Low Voltage
V
2.4
1.7
VIH
Input High Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C.)
(Note 2)
VEN = VA_ = VLATCH = VCAL = 0
or V+, V+ = 5.5V, V- = -5.5V
(Note 7)
µA
-5
5
I+
Positive Supply Current
-1
0.01
1
V
±2.7
±6
Power-Supply Range
VEN = VA_ = VLATCH = VCAL = 0
µA
-0.1
0.01
0.1
IIL
Input Current with Input
Voltage Low
Figure 2
ns
410
tOPEN
Break-Before-Make
Interval (Note 3)
100
150
TA = +25°C
TA = TMIN to TMAX
VEN = VA_ = VLATCH = VCAL = 0
or V+, V+ = 5.5V, V- = -5.5V
(Note 7)
TA = TMIN to TMAX
µA
-5
5
I-
Negative Supply Current
-1
0.01
1
TA = +25°C
VEN = VA_ = VLATCH = VCAL = 0
or V+, V+ = 5.5V, V- = -5.5V
(Note 7)
TA = TMIN to TMAX
µA
-5
5
IGND
GND Supply Current
-1
0.01
1
TA = +25°C
TA = +25°C
TA = +25°C
50
100
75
115
TA = +25°C
TA = +25°C
VEN = 0, f = 1MHz, Figure 5
CL = 1nF, VNO_ = 0, Figure 4
dB
-75
VISO
Off-Isolation (Note 8)
pC
15
VCTE
Charge Injection
(Note 3)
TA = +25°C
TA = +25°C
f = 1MHz
VEN = 2.4V, f = 1MHz,
VGEN = 1Vp-p, Figure 5
pF
15
CIN
Logic Input Capacitance
dB
-75
VCT
Crosstalk Between
Channels (Note 9)
TA = +25°C
TA = +25°C
f = 1MHz, VEN = VCOM_ = 0,
Figure 6
pF
3
COFF
NO-Off Capacitance
TA = +25°C
f = 1MHz, VEN = 2.4V,
VCOM_ = 0, Figure 6
f = 1MHz, VEN = VCOM_ = 0,
Figure 6
pF
26
CCOM_(ON)
COM-On Capacitance
pF
15
CCOM_(OFF)
COM-Off Capacitance
TA = +25°C
TA = +25°C
Figure 3
ns
175
tON
Enable Turn-On Time
TA = TMIN to TMAX
Figure 3
ns
120
tOFF
Enable Turn-Off Time
TA = TMIN to TMAX
TA = TMIN to TMAX
Figure 1
ns
200
tTRANS
Transition Time
TA = TMIN to TMAX
1
LOGIC INPUTS
SUPPLY
DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com