Electronic Components Datasheet Search
  English  ▼

X  

MAX4530EPP Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4530EPP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530EPP Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4530EPP Datasheet HTML 8Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 9Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 10Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 11Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 12Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 13Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 14Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 15Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
12
______________________________________________________________________________________
Figure 3. Break-Before-Make Interval
_________________________________Test Circuits/Timing Diagrams (continued)
V-
COM
V-
300
Ω
GND
ADDC
ADDB
ADDA
EN2
VADD_
50
Ω
35pF
V+
V+
V+
VOUT
MAX4530
NO0–NO7
+3V
EN1
V-
COM_
V-
300
Ω
GND
ADDA
ADDB
EN2
VADD_
50
Ω
35pF
V+
V+
V+
VOUT
MAX4531
NO0_–NO3_
+3V
EN1
V-
COM
V-
300
Ω
GND
ADD_
EN2
VADD_
50
Ω
35pF
V+
V+
V+
VOUT
MAX4532
V- = 0V FOR SINGLE-SUPPLY OPERATION.
REPEAT TEST FOR EACH SECTION.
NO_, NC_
+3V
EN1
tF < 20ns
tR < 20ns
tBBM
VNO_
0V
0V
90%
50%
VADD_
VOUT
V+
LE
LE
LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com