Electronic Components Datasheet Search
  English  ▼

X  

MAX4530EPP Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4530EPP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530EPP Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4530EPP Datasheet HTML 8Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 9Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 10Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 11Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 12Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 13Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 14Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 15Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
14
______________________________________________________________________________________
_________________________________Test Circuits/Timing Diagrams (continued)
Figure 7. Setup and Hold Times, Minimum
LE Width
V-
COM
V-
300
Ω
GND
ADDC
ADDB
ADDA
LE
VADD_
50
Ω
50
Ω
35pF
EN1
V+
VLE
V+
VOUT
MAX4530
NO1–NO7
+3V
NO0
V- = 0V FOR SINGLE-SUPPLY OPERATION.
REPEAT TEST FOR EACH SECTION.
0V
0V
3V
90%
50%
50%
VADD_
VLE
VOUT
3V
3V
0V
EN2
V-
COM_
V-
300
Ω
GND
ADDA
ADDB
LE
VADD_
50
Ω
50
Ω
35pF
EN1
V+
VLE
V+
VOUT
MAX4531
NO1_, NO2_, NO3_
+3V
NO0_
EN2
V-
COM_
V-
300
Ω
GND
ADD_
LE
VADD_
50
Ω
50
Ω
35pF
EN1
V+
VLE
V+
VOUT
MAX4532
NO_
+3V
NC_
EN2
tMPW
tH
tS
tH
tON, tOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com