Electronic Components Datasheet Search
  English  ▼

X  

MAX4580 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4580
Description  1.25?? Dual SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4580 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4580 Datasheet HTML 1Page - Maxim Integrated Products MAX4580 Datasheet HTML 2Page - Maxim Integrated Products MAX4580 Datasheet HTML 3Page - Maxim Integrated Products MAX4580 Datasheet HTML 4Page - Maxim Integrated Products MAX4580 Datasheet HTML 5Page - Maxim Integrated Products MAX4580 Datasheet HTML 6Page - Maxim Integrated Products MAX4580 Datasheet HTML 7Page - Maxim Integrated Products MAX4580 Datasheet HTML 8Page - Maxim Integrated Products MAX4580 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1.25
Ω, Dual SPST,
CMOS Analog Switches
_______________________________________________________________________________________
3
TA = TMIN to TMAX
VIN_ = 0 or +5V
µA
TA = +25°C
-0.5
0.01
0.5
I+
Positive Supply Current
TA = +25°C
f = 1MHz, Figure 6, TA = +25°C
RL = 50Ω, CL = 5pF, f = 1MHz,
Figure 5, TA = +25°C
TA = TMIN to TMAX
55
RL = 50Ω, CL = 5pF, f = 1MHz,
Figure 4, TA = +25°C
CL = 1.0nF, VGEN = 0, RGEN = 0,
Figure 3, TA = +25°C
VIN_ = 0 or +5V
TA = +25°C
f = 1MHz, Figure 6, TA = +25°C
CONDITIONS
pF
dB
f = 1MHz, Figure 7, TA = +25°C
pF
520
C(COM)
On-Capacitance
115
C(COM)
COM Off-Capacitance
-0.5
0.01
0.5
IL
Logic Supply Current
-0.5
0.01
0.5
I-
Negative Supply Current
pF
115
C(OFF)
NC_ or NO_ Capacitance
-65
VCT
Crosstalk (Note 8)
dB
-53
VISO
Off-Isolation (Note 7)
pC
-60
Q
Charge Injection
-0.5
0.01
0.5
IGND
Ground Current
ns
160
tON
Turn-On Time
ns
210
tOFF
Turn-Off Time
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
VIN_ = 0 or +5V
VIN_ = 0 or +5V
TA = +25°C
Figure 2, VCOM_ = ±10V, TA = +25°C
Figure 2, VCOM_ = ±10V, TA = +25°C
TA = TMIN to TMAX
55
55
TA = TMIN to TMAX
55
ELECTRICAL CHARACTERISTICS–Dual Supplies (continued)
(V+ = +15V, V- = -15V, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
µA
µA
µA
V
2.4
1.7
VIN_H
Logic Input High Voltage
V
1.7
0.8
VIN_L
Logic Input Low Voltage
V
±4.5
±20.0
Power-Supply Range
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com