Electronic Components Datasheet Search
  English  ▼

X  

MAX4580 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4580
Description  1.25?? Dual SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4580 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4580 Datasheet HTML 1Page - Maxim Integrated Products MAX4580 Datasheet HTML 2Page - Maxim Integrated Products MAX4580 Datasheet HTML 3Page - Maxim Integrated Products MAX4580 Datasheet HTML 4Page - Maxim Integrated Products MAX4580 Datasheet HTML 5Page - Maxim Integrated Products MAX4580 Datasheet HTML 6Page - Maxim Integrated Products MAX4580 Datasheet HTML 7Page - Maxim Integrated Products MAX4580 Datasheet HTML 8Page - Maxim Integrated Products MAX4580 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1.25
Ω, Dual SPST,
CMOS Analog Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single Supply (continued)
(V+ = +12V, V- = 0, VL = +5V, VIN_H = 2.4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off-isolation = 20 log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 8: Between any two switches.
Note 9: Leakage testing at single supply is guaranteed by testing with dual supplies.
RL = 50Ω, CL = 5pF, f = 1MHz,
Figure 5, TA = +25°C
CL = 1.0nF, VGEN = 0, RGEN = 0,
Figure 3, TA = +25°C
VCOM_ = +10V, Figure 2, TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Crosstalk (Note 8)
VCT
-65
dB
Charge Injection
Q
40
pC
Turn-Off Time
tOFF
200
ns
Turn-On Time
tON
150
ns
VCOM_ = +10V, Figure 2, TA = +25°C
f = 1MHz, Figure 7, TA = +25°C
On-Capacitance
C(COM)_
275
pF
f = 1MHz, Figure 6, TA = +25°C
COM Off-Capacitance
CONDITIONS
C(COM)_
175
f = 1MHz, Figure 6, TA = +25°C
NC_ or NO_ Capacitance
C(OFF)_
175
pF
pF
SWITCH DYNAMIC CHARACTERISTICS
0
0.5
1.0
1.5
2.0
2.5
-20
-12 -8
-16
-4
0
4
8
12 16 20
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
V+, V- = ±5.0V
V+, V- = ±15.0V
V+, V- = ±20.0V
0.4
0.6
0.7
0.5
0.8
1.0
0.9
1.1
1.2
-15
-9
-6
-12
-3
0369
12 15
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
TA = +85°C
V+, V- = ±15V
TA = +25°C
TA = -40°C
0
1
2
3
4
5
04
6
2
8 10 12 14 16
20
24
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
18
22
V+ = +5V
V- = 0
V+ = +24V
V+ = +12V
Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com