Electronic Components Datasheet Search
  English  ▼

X  

MAX459 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX459
Description  8x4 Video Crosspoint Switches with Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX459 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX459 Datasheet HTML 1Page - Maxim Integrated Products MAX459 Datasheet HTML 2Page - Maxim Integrated Products MAX459 Datasheet HTML 3Page - Maxim Integrated Products MAX459 Datasheet HTML 4Page - Maxim Integrated Products MAX459 Datasheet HTML 5Page - Maxim Integrated Products MAX459 Datasheet HTML 6Page - Maxim Integrated Products MAX459 Datasheet HTML 7Page - Maxim Integrated Products MAX459 Datasheet HTML 8Page - Maxim Integrated Products MAX459 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Note 2:
Defined as the DC offset shift when switching between input channels for a given output.
Note 3:
Voltage Gain Accuracy for MAX458 calculated as (VOUT - VIN) @ (VIN = +2V) - (VOUT - VIN) @ (VIN = -2V)
——————————––————————————
4
—
V
————————————————————
Note 4:
Voltage Gain Accuracy for MAX459 calculated as (VOUT/2 - VIN) @ (VIN = +1V) - (VOUT/2 - VIN) @ (VIN = -1V)
———————————————————————
2
—
V
——————————————————————
Note 5:
All logic levels are guaranteed over the range of VS = ±4.75V to ±5.25V.
Note 6:
Differential phase and gain measured with a 40 IRE (285.7mV), 3.58MHz sine wave superimposed on a linear ramp of 0 IRE
to 100 IRE (714.3mV). “The IRE scale is a linear scale for measuring, in arbitrary IRE units, the relative amplitudes of the var-
ious components of a television signal” (from the “Television Engineering Handbook”, edited by K. Blair Benson, McGraw
Hill). This system defines 100 IRE as reference white, 0 IRE as the blanking level, and -40 IRE as the sync peak. The equip-
ment used for the test signal generated 714.3mV (100 IRE) as reference white and -285.7mV (-40 IRE) as sync. The modu-
lation used was 285.7mV (40 IRE), which conforms to the EIA color signal standards.
Note 7:
For MAX458, step input from +2V to 0V; for MAX459, step input from +1V to 0V. All unused channels grounded and all
unused amplifiers disabled.
Note 8:
Test input channel programmed to an output and grounded through a 75
Ω resistor. Adjacent input is programmed to an
adjacent output and driven by a 10MHz, 4Vp-p sine wave.
Note 9:
Same as Note 6 above, except driven input and output are not adjacent to test input/output.
Note 10: All inputs but the test input are driven by a 10MHz 4Vp-p sine wave. All outputs except the test output are connected to driven inputs.
Note 11: Same as Note 9 above, except with test channel programmed off.
8x4 Video Crosspoint Switches with Buffers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, -2V ≤ VIN ≤ +2V, output load resistor (RL) = 150Ω, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
ISOURCE = 400µA (Note 5)
(Note 11)
(Note 3)
(Note 10)
(Note 3)
(Note 9)
(Note 8)
See
Typical Operating Characteristics
To 0.1% of final value (Note 7)
f = 10kHz
ISINK = 1.6mA (Note 5)
MAX458
MAX459
CONDITIONS
dB
-60
All-Hostile Off Isolation
dB
-55
All-Hostile Crosstalk
dB
-65
Non-Adjacent Channel Crosstalk
dB
-65
Adjacent Channel Crosstalk
mVp-p
100
Switching Transient Glitch
ns
50
tCPD
Channel Switching Propagation Delay
ns
60
tCSW
Channel Switching Time
ns
120
tAON
Amplifier Enable Time
V
4.0
VOH
Logic Output High Voltage
µA
10
IIL
µA
10
IIH
Logic Input High Current
Logic Input Low Current
ns
100
tAOFF
Amplifier Disable Time
ns
40
tS
Settling Time
nV/
√Hz
20
en
Input Noise Density
V
0.5
VOL
Logic Output Low Voltage
%
0.01
DG
Differential Gain Error (Note 6)
0.13
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX458
MAX459
degrees
0.05
DG
Differential Phase Error (Note 6)
0.14
MAX458
V/µs
200
SR
Slew Rate
150
Positive transition
Negative transition
MAX459
300
250
Positive transition
Negative transition
MAX458, RL = 75Ω
MHz
100
BW
Bandwidth (-3dB)
90
MAX459, RL = 150Ω
DYNAMIC SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com