Electronic Components Datasheet Search
  English  ▼

X  

MAX4598C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4598C/D
Description  Low-Voltage, Combination Single-Ended 8-to-1/Differential 4-to-1 Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4598C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4598C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4598C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4598C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4598C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4598C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4598C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4598C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4598C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4598C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Voltage, Combination Single-Ended
8-to-1/Differential 4-to-1 Multiplexer
10
______________________________________________________________________________________
Test Circuits/Timing Diagrams (continued)
50%
50%
tOFF
tR < 20ns
tF < 20ns
V+
0V
0V
VEN
VOUT
+5V
VOUT
-5V
GND
V+
NLATCH
A1
V-
A0
EN
LATCH
A3
NO1
NO2–NO8
COMA
+3V
50
Ω
MAX4598
1k
35pF
A2
90%
90%
tON
VEN
Figure 3. Enable Switching Time
∆VOUT
V+
0V
LOGIC
INPUT
VEN
+5V
VCOM
-5V
GND
V+
NLATCH
A1
V-
A0
EN
COMA
MAX4598
CL
1nF
VCOM
NO
CHANNEL
SELECT
RS
VS
OFF
ON
ON
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
Q = (
∆VOUT) (CL)
A2
A3
VEN
Figure 4. Charge Injection
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM AND “OFF” TERMINAL ON EACH SWITCH.
ON LOSS IS MEASURED BETWEEN COM AND “ON” TERMINAL ON EACH SWITCH.
NOTES:
+5V
V+
V+
VOUT
GND
V-
LATCH
-5V
10nF
V-
A_
EN
NLATCH
NO_
COM_
VIN
MAX4598
OFF-ISOLATION = 20log
VOUT
VIN
CROSSTALK = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS.
REF
10nF
Figure 5. Off-Isolation/Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com