Electronic Components Datasheet Search
  English  ▼

X  

MAX4613 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4613
Description  Quad, SPST Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4613 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4613 Datasheet HTML 1Page - Maxim Integrated Products MAX4613 Datasheet HTML 2Page - Maxim Integrated Products MAX4613 Datasheet HTML 3Page - Maxim Integrated Products MAX4613 Datasheet HTML 4Page - Maxim Integrated Products MAX4613 Datasheet HTML 5Page - Maxim Integrated Products MAX4613 Datasheet HTML 6Page - Maxim Integrated Products MAX4613 Datasheet HTML 7Page - Maxim Integrated Products MAX4613 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Quad, SPST Analog Switch
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
TA = +25°C
SYMBOL
MIN
TYP
MAX
(Note 2)
TA = TMIN to TMAX
UNITS
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
Turn-Off Time (Note 3)
VS = ±10V, Figure 2
Source-On Capacitance
-1
0.001
1
90
120
Logic Supply Current
IL
-5
5
µA
Turn-On Time (Note 3)
VS = ±10V, Figure 2
tON
f = 1MHz, Figure 8
-1
-0.0001
1
150
250
ns
Ground Current
ns
IGND
-5
5
µA
tOFF
TA = +25°C
Off-Isolation Rejection
Ratio (Note 6)
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 5
OIRR
60
dB
TA = +25°C
Break-Before-Make Time
Delay (Note 3)
Figure 3
tD
5
20
ns
TA = +25°C
Crosstalk (Note 7)
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 6
100
dB
TA = +25°C
Source-Off Capacitance
f = 1MHz, Figure 7
CS(OFF)
4
pF
TA = +25°C
Drain-Off Capacitance
f = 1MHz, Figure 7
CD(OFF)
4
pF
CONDITIONS
CS(ON)
16
pF
TA = +25°C
All channels on or off,
VIN = 0 or 5V
Drain-On Capacitance
f = 1MHz, Figure 8
All channels on or off,
VIN = 0 or 5V
CD(ON)
16
pF
TA = +25°C
Charge Injection (Note 3)
CL = 1nF, VGEN = 0,
RGEN = 0, Figure 4
Q
5
10
pC
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VANALOG
0
12
V
TA = +25°C
100
160
TA = TMIN to TMAX
Drain-Source
On-Resistance
VL = 5V; VD = 3V, 8V;
IS = 1mA
RDS(ON)
200
CONDITIONS
Ω
TA = +25°C
-1
0.001
1
TA = TMIN to TMAX
Power-Supply Current
All channels on or off,
VIN = 0 or 5V
I+
-5
5
µA
Power-Supply Range
V+, V-
4.5
40
V
TA = +25°C
-1
-0.0001
1
TA = TMIN to TMAX
Negative Supply Current
All channels on or off,
VIN = 0 or 5V
I-
-5
5
µA
TA = +25°C
-1
0.001
1
TA = TMIN to TMAX
Logic Supply Current
All channels on or off,
VIN = 0 or 5V
IL
-5
5
µA
TA = +25°C
-1
-0.0001
1
TA = TMIN to TMAX
Ground Current
All channels on or off,
VIN = 0 or 5V
IGND
-5
5
µA
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
DYNAMIC
SUPPLY
SWITCH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com