Electronic Components Datasheet Search
  English  ▼

X  

MAX4613 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4613
Description  Quad, SPST Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4613 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4613 Datasheet HTML 1Page - Maxim Integrated Products MAX4613 Datasheet HTML 2Page - Maxim Integrated Products MAX4613 Datasheet HTML 3Page - Maxim Integrated Products MAX4613 Datasheet HTML 4Page - Maxim Integrated Products MAX4613 Datasheet HTML 5Page - Maxim Integrated Products MAX4613 Datasheet HTML 6Page - Maxim Integrated Products MAX4613 Datasheet HTML 7Page - Maxim Integrated Products MAX4613 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Quad, SPST Analog Switch
_______________________________________________________________________________________
5
_____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
25
50
75
100
125
150
0
4
8
12
VD (V)
TA = +125°C
TA = +25°C
TA = -40°C
V+ = 12V
V- = 0
ON-RESISTANCE vs. VD (UNIPOLAR
SUPPLY VOLTAGE AND TEMPERATURE)
0
40
80
120
160
±5
±10
±15
±20
BIPOLAR SUPPLY VOLTAGE (V)
tON
tOFF
SWITCHING TIME vs.
BIPOLAR SUPPLY VOLTAGE
0
50
100
150
200
10
15
20
25
UNIPOLAR SUPPLY VOLTAGE (V)
V- = 0
tON
tOFF
SWITCHING TIME vs.
UNIPOLAR SUPPLY VOLTAGE
-20
0
-10
20
10
-15
-10
0
10
15
VD (V)
CHARGE INJECTION vs.
VD VOLTAGE
V+ = 15V
V- = -15V
CL = 1nF
-10
0
5
-5
0
5
10
15
VD (V)
10
CHARGE INJECTION vs.
VD VOLTAGE
V+ = 12V
V- = 0V
CL = 1nF
_____________________Pin Description
2, 15, 10, 7
Positive Supply-Voltage
Input—connected to substrate
V+
13
Logic Supply-Voltage Input
VL
12
Ground
GND
5
Negative Supply-Voltage Input
V-
4
PIN
Source Outputs
S1–S4
3, 14, 11, 6
Drain Outputs
D1–D4
Logic Control Inputs
IN1–IN4
1, 16, 9, 8
FUNCTION
NAME
___________Applications Information
General Operation
1) Switches are open when power is off.
2) IN_, D_, and S_ should not exceed V+ or V-, even
with the power off.
3) Switch leakage is from each analog switch terminal
to V+ or V-, not to other switch terminals.
Operation with Supply Voltages
Other than ±15V
Using supply voltages less than ±15V will reduce the
analog signal range. The MAX4613 operates with ±4.5V
to ±20V bipolar supplies or with a +4.5V to +40V single



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com