Electronic Components Datasheet Search
  English  ▼

X  

MAX4610CSD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4610CSD
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4610CSD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4610CSD Datasheet HTML 1Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Low-Voltage, Quad, SPST
CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +3V, VIN_H = 2.4V, VIN_L = 0.5V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
Analog Signal Range
(Note 3)
SYMBOL
VCOM_,
VNO_,
VNC_
CONDITIONS
MIN
TYP
MAX
(Note 2)
0V+
UNITS
V
On-Resistance
RON
V+ = 2.7V,
ICOM_ = 1mA,
VNO_ = VNC_ = 1V
175
360
Ω
-0.1
0.1
-2
2
NO_ or NC_ Off-Leakage
Current (Notes 3, 6)
INO(OFF)
V+ = 3.6V,
VCOM_ = 0.5V, 3V;
VNO_ = VNC_ = 3V,
0.5V
-30
30
nA
-0.2
0.2
TA = +25°C
TA = TMIN to TMAX
450
On-Resistance Match
Between Channels (Note 4)
∆RON
V+ = 2.7V,
ICOM_ = 1mA,
VNO_ = VNC_ = 1V
25
Ω
TA = +25°C
TA = TMIN to TMAX
10
TA = +25°C
TA = -40°C to + 85°C
TA = -40°C to + 125°C
-4
4
COM_On-Leakage Current
(Notes 3, 6)
ICOM(ON)
V+ = 3.6V,
VCOM_ = 0.5V, 3V;
VNO_ = VNC_ = 0.5V,
3V, or floating
-30
30
nA
Input High Voltage
VIN_H
2.4
1.0
V
Input Low Voltage
VIN_L
1.0
0.5
V
TA =+25°C
TA = -40°C to + 85°C
-0.1
0.1
TA = -40°C to + 125°C
-2
2
COM_ Off-Leakage Current
(Notes 3, 6)
ICOM(OFF)
V+ = 3.6V,
VCOM_ = 0.5V, 3V;
VNO_ = VNC_ = 3V,
0.5V
-30
30
nA
TA = +25°C
TA = -40°C to +85°C
50
90
120
Turn-On Time
tON
VCOM_ = 1.5V,
Figure 2
140
ns
30
45
Turn-Off Time
tOFF
VCOM_ = 1.5V,
Figure 2
60
ns
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = +25°C
TA = TMIN to TMAX
ANALOG SWITCH
LOGIC INPUTS
DYNAMIC (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com