Electronic Components Datasheet Search
  English  ▼

X  

MAX4610CSD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4610CSD
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4610CSD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4610CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 9Page - Maxim Integrated Products MAX4610CSD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Low-Voltage, Quad, SPST
CMOS Analog Switches
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM
VCOM (V)
50
20
30
60
70
80
40
06
8
10
24
12
V+ = +5V
V+ = +9V
V+ = +12V
ON-RESISTANCE vs. VCOM
VCOM (V)
200
50
100
250
300
350
400
150
03
4
5
12
6
V+ = +2V
V+ = +3V
V+ = +5V
30
60
50
40
70
80
90
02.0
1.5
0.5 1.0
2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE
vs. VCOM AND TEMPERATURE
VCOM (V)
TA = -40°C
TA = +25°C
TA = +85°C
V+ = +5V
100
0.1
-40
-20
0
20
40
60
80
100
OFF-LEAKAGE vs. TEMPERATURE
1
10
TEMPERATURE (°C)
V+ = +5V
VCOM_ = 0
VNO_ OR VNC_ = +4.5V
100
1000
0.1
0.01
-40
-20
0
20
40
60
80
100
ON-LEAKAGE vs. TEMPERATURE
1
10
TEMPERATURE (°C)
V+ = +5V
VCOM_ = 0
VNO_ OR VNC_ = FLOATING
10
0.01
0.001
-40
-20
0
20
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
0.1
1
TEMPERATURE (°C)
V+ = +5V
-1
1
0
3
2
5
4
6
04
6
2
8
10
12
CHARGE INJECTION vs. VCOM
VCOM_ (V)
V+ = +5V
V+ = +12V
1
0.001
10
100
1k
10k
100k
1M
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
0.01
0.1
FREQUENCY (Hz)
600
Ω IN AND OUT
V+ = +5V, 2Vp-p SIGNAL
V+ = +3V, 1Vp-p SIGNAL
V+ = +2V, 1Vp-p SIGNAL
0
-10
-100
10k
1k
100k
1M
10M
100M 500M
FREQUENCY RESPONSE
-50
-60
-70
-80
-90
MAX4610 toc07
FREQUENCY (Hz)
-40
-30
-20
36
72
180
144
-180
0
-36
-72
-108
-144
108
PHASE
OFF-ISOLATION
LOSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com