Electronic Components Datasheet Search
  English  ▼

X  

MAX463 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX463
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX463 Datasheet HTML 8Page - Maxim Integrated Products MAX463 Datasheet HTML 9Page - Maxim Integrated Products MAX463 Datasheet HTML 10Page - Maxim Integrated Products MAX463 Datasheet HTML 11Page - Maxim Integrated Products MAX463 Datasheet HTML 12Page - Maxim Integrated Products MAX463 Datasheet HTML 13Page - Maxim Integrated Products MAX463 Datasheet HTML 14Page - Maxim Integrated Products MAX463 Datasheet HTML 15Page - Maxim Integrated Products MAX463 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
12
______________________________________________________________________________________
MAX463–MAX466
MAX463–MAX466
VIN = 4VP-P AT 10MHz,
RS = 75Ω
*
MAX467–MAX470
MAX467–MAX470
VIN = 4VP-P
AT 10MHz,
RS = 75Ω
*
150
Ω
75
Ω
VIN = 4VP-P AT 10MHz,
RS = 75Ω
*
VIN = 4VP-P
AT 10MHz,
RS = 75Ω
*
150
Ω
75
Ω
150
Ω
75
Ω
(a)
(b)
(c)
(d)
150
Ω
150
Ω
150
Ω
+5V
EN
LE
150
Ω
150
Ω
150
Ω
150
Ω
* MAX464/MAX466/MAX468/MAX470 ONLY
Figure 6. (a) MAX467–MAX470 Adjacent Channel Crosstalk, (b) MAX467–MAX470 All-Hostile Crosstalk, (c) MAX463–MAX466
All-Hostile Off Isolation, (d) MAX463–MAX466 All-Hostile Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com