Electronic Components Datasheet Search
  English  ▼

X  

MAX463 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX463
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX463 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX463 Datasheet HTML 8Page - Maxim Integrated Products MAX463 Datasheet HTML 9Page - Maxim Integrated Products MAX463 Datasheet HTML 10Page - Maxim Integrated Products MAX463 Datasheet HTML 11Page - Maxim Integrated Products MAX463 Datasheet HTML 12Page - Maxim Integrated Products MAX463 Datasheet HTML 13Page - Maxim Integrated Products MAX463 Datasheet HTML 14Page - Maxim Integrated Products MAX463 Datasheet HTML 15Page - Maxim Integrated Products MAX463 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
______________________________________________________________________________________
15
__________Applications Information
Higher-Order RGB + Sync
Video Multiplexing
Higher-order RGB video multiplexers can be realized
by paralleling several MAX463/MAX464s. Connect LE
to V+ and use C
S
and E
N
to disable all devices but the
one in use. Since the disabled output resistance of the
MAX463/MAX464 is 250k
Ω, several devices may be
paralleled to form larger RGB video multiplexer arrays
without signal degradation. Connect series resistors at
each amplifier's output to isolate the disabled output
capacitance of each paralleled device, and use a
MAX469 or MAX470 to drive the output coaxial cables
(see Figure 7).
Paralleling MAX466s to Switch
1-of-4 RGB + Sync Signal Inputs
Figure 8 shows a 1-of-4 RGB + sync video mux/amp
circuit. The 1k
Ω disabled output resistance limits the
number of paralleled MAX465/MAX466s to no more
than two. The amplifier outputs are connected after a
22
Ω isolation resistor and ahead of a 50Ω back-termi-
nation resistor, which isolates the active amplifier out-
put from the capacitive load (5pF typ) presented by the
inactive output of the second MAX466. Impedance
mismatching is minimal, and the signal gain at the
cable end is near 1. This minimizes ringing in the out-
put signals. For multiplexing more than two devices,
see the section
Higher Order RGB + Sync Video
Multiplexing, above.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TOP VIEW
GND
IN1A
GND
IN2A
GND
IN3A
V-
IN0B
V-
IN1B
GND
IN2B
GND
IN3B
DIP/SO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
IN0A
LE
EN
A0
CS
V-
OUT0
V-
OUT1
GND
V+
OUT2
V+
OUT3
MAX464
MAX466
IN0
GND
IN1
V-
V-
IN2
GND
IN3
DIP/SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT0
GND
OUT1
V-
V-
OUT2
V+
OUT3
MAX468
MAX470
QUAD
BUFFERS
IN0
GND
IN1
V-
V-
IN2
GND
GND
DIP/SO
MAX467
MAX469
TRIPLE (RGB)
BUFFERS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT0
GND
OUT1
V-
V-
OUT2
V+
GND
_____________________________________________Pin Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com