Electronic Components Datasheet Search
  English  ▼

X  

MAX4613EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4613EEE
Description  Quad, SPST Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4613EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4613EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Quad, SPST Analog Switch
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply (continued)
(V+ = 12V, V- = 0, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2: Typical values are for design aid only, are not guaranteed and are not subject to production testing. The algebraic convention,
where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet.
Note 3: Guaranteed by design.
Note 4: On-resistance match between channels and flatness are guaranteed only with bipolar-supply operation. Flatness is defined
as the difference between the maximum and the minimum value of on-resistance as measured at the extremes of the speci-
fied analog signal range.
Note 5: Leakage parameters IS(OFF), ID(OFF), ID(ON), and IS(ON) are 100% tested at the maximum rated hot temperature and guaranteed at +25°C.
Note 6: Off-Isolation Rejection Ratio = 20log (VD/VS).
Note 7: Between any two switches.
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
-2
-1
0
1
2
-15
0
15
VS, VD (V)
TA = +125°C
TA = +85°C
V+ = 15V
V- = -15V
-10
-5
5
10
ON LEAKAGE CURRENTS
-1
0
-0.5
0.5
1
VS, VD (V)
-15
0
15
-10
-5
5
10
TA = +125°C
V+ = 15V
V- = -15V
TA = +85°C
OFF LEAKAGE CURRENTS
0
0.5
1.5
2.0
2.5
3.0
3.5
±5
±10
±15
±20
BIPOLAR SUPPLY VOLTAGE (V)
IN LOW MAX
SWITCHING THRESHOLD vs.
BIPOLAR SUPPLY VOLTAGE
IN HIGH MIN
0
25
50
75
100
125
0
5
10
15
20
VD (V)
V+ = 10V
V+ = 15V
V+ = 20V
150
V+ = 5V
ON-RESISTANCE vs. VD
(UNIPOLAR SUPPLY VOLTAGE)
30
60
90
120
-20
-10
0
10
20
VD (V)
0
ON-RESISTANCE vs. VD
(BIPOLAR SUPPLY VOLTAGE)
V± = ±5V
V± = ±10V
V± = ±15V
V± = ±20V
0
20
40
60
80
100
VD (V)
TA = +125°C
TA = -55°C
TA = +25°C
V+ = 15V, V- = -15V
-15
0
15
-10
-5
5
10
ON-RESISTANCE vs. VD (BIPOLAR
SUPPLY VOLTAGE AND TEMPERATURE)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
TA = +25°C
300
400
VS = 8V, Figure 2
TA = +25°C
ns
tON
Turn-On Time (Note 3)
TA = +25°C
60
200
VS = 8V, Figure 2
5
10
ns
tOFF
Turn-Off Time (Note 3)
CL = 1nF, VGEN = 0,
RGEN = 0, Figure 4
pC
Q
Charge Injection (Note 3)
CONDITIONS
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com