Electronic Components Datasheet Search
  English  ▼

X  

MAX4613EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4613EEE
Description  Quad, SPST Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4613EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4613EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Quad, SPST Analog Switch
_______________________________________________________________________________________
7
∆VOUT
VOUT
VIN
Q =
∆VOUT × CL
-15V
V-
V+
IN_
GND
S_
+15V
RGEN
VGEN
VIN = +3V
CL
VOUT
VL
+5V
D_
MAX4613
Figure 4. Charge Injection
_________________________________Timing Diagrams/Test Circuits (continued)
NETWORK
ANALYZER
SIGNAL
GENERATOR
RGEN = 50Ω
D_
S_
GND
RL
10dBm
10nF
V+
+15V
IN_
0 or +2.4V
V-
-15V
10nF
+5V
VL
MAX4613
Figure 5. Off-Isolation Rejection Ratio
NETWORK
ANALYZER
SIGNAL
GENERATOR
RGEN = 50Ω
0 or +2.4V
IN_
D_
GND
RL
10dBm
10nF
+15V
D_
IN_
S_
0 or +2.4V
50
Ω
V-
-15V
10nF
+5V
S_
VL
V+
MAX4613
Figure 6. Crosstalk
CAPACITANCE
METER
D_
S_
GND
10nF
+15V
IN_
0 or +2.4V
V-
-15V
10nF
f = 1MHz
+5V
VL
V+
MAX4613
Figure 7. Source/Drain-Off Capacitance
D_
S_
GND
10nF
+15V
IN_
0 or +2.4V
V-
-15V
10nF
V+
+5V
VL
VS
MAX4613
CAPACITANCE
METER
f = 1MHz
Figure 8. Source/Drain-On Capacitance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com