Electronic Components Datasheet Search
  English  ▼

X  

MAX4660ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4660ESA
Description  High-Current, 25?? SPDT, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4660ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4660ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
19-2046; Rev 0; 4/01
IN
N.C.
V+
1
2
8
7
NO
V-
NC
GND
COM
µMAX/SO
TOP VIEW
3
4
6
5
MAX4659
MAX4660
LOGIC
NC
MAX4659/MAX4660
0
1
ON
OFF
NO
OFF
ON
SWITCH SHOWN FOR LOCIC "0" INPUT
General Description
The MAX4659/MAX4660 are medium voltage CMOS
analog switches with a low on-resistance of 25
Ω max
specifically designed to handle large switch currents.
With a switch capability of up to 200mA peak current
and 150mA continuous current (MAX4660), and up to
150mA peak current and 75mA continuous current
(MAX4659), these parts can switch loads as low as
50
Ω. They can replace reed relays with a million times
the speed and a virtually unlimited number of lifetime
cycles. Normal power consumption is only 3mW,
whether the switch is on or off. These parts are
TTL/CMOS compatible and will switch any voltage with-
in their power-supply range.
The devices are single-pole/double-throw (SPDT)
switches. The MAX4659/MAX4660 contain one normally
closed (NC) switch and one normally open (NO) switch.
The MAX4659/MAX4660s’ power-supply range is from
±4.5V to ±20V for dual-supply operation and +9V to
+40V for single-supply operation. These switches can
operate from any combination of supplies, within a 40V
V+ to V- range. They conduct equally well in either
direction and can handle Rail-to-Rail® analog signals.
The off-leakage current is only 1nA max at TA = +25°C.
The MAX4659 is available in 8-pin µMAX and SO pack-
ages. The MAX4660 is available in thermally enhanced
exposed paddle µMAX and SO packages.
Applications
Relay Replacement
Test Equipment
Communication Systems
xDSL Modems
PBX, PABX Systems
Audio Signal Routing
Audio Systems
PC Multimedia Boards
Redundant/Backup Systems
Features
o High Continuous Current Handling
150mA Continuous Current (MAX4660)
75mA Continuous Current (MAX4659)
o High Peak Current Handling
200mA Peak Current (MAX4660)
150mA Peak Current (MAX4659)
o 25Ω max On-Resistance (±15V Supplies)
o VL Supply Not Required
o 1.5Ω max RON Flatness (±15V Supplies)
o Rail-to-Rail Signal Handling
o +12V Single Supply or ±15V Dual-Supply
Operation
o Pin Compatible with DG419, MAX319
High-Current, 25
Ω, SPDT, CMOS
Analog Switches
________________________________________________________________ Maxim Integrated Products
1
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX4659EUA
-40°C to +85°C
8 µMAX
MAX4659ESA
-40°C to +85°C
8 SO
MAX4660EUA
-40°C to +85°C
8 µMAX EP*
MAX4660ESA
-40°C to +85°C
8 SO EP*
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
* Exposed paddle


Similar Part No. - MAX4660ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4660ESA MAXIM-MAX4660ESA Datasheet
621Kb / 12P
High-Current, 25廓, SPDT, CMOS Analog Switches
2007
More results

Similar Description - MAX4660ESA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH5140 INTERSIL-IH5140 Datasheet
129Kb / 13P
High-Level CMOS Analog Switches
April 1999
logo
Maxim Integrated Produc...
MAX4635 MAXIM-MAX4635 Datasheet
245Kb / 11P
Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
Rev 2; 5/03
MAX4729 MAXIM-MAX4729 Datasheet
212Kb / 9P
Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4655 MAXIM-MAX4655 Datasheet
457Kb / 12P
High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX4655 MAXIM-MAX4655_05 Datasheet
302Kb / 12P
High-Current, 10 OHM, SPST, CMOS Analog Switches
Rev 3; 5/05
logo
List of Unclassifed Man...
AAM3202 ETC2-AAM3202 Datasheet
207Kb / 5P
ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4655 MAXIM-MAX4655_07 Datasheet
305Kb / 12P
High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
MAX4659 MAXIM-MAX4659_V01 Datasheet
621Kb / 12P
High-Current, 25廓, SPDT, CMOS Analog Switches
2007
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com