Electronic Components Datasheet Search
  English  ▼

X  

MAX4660ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4660ESA
Description  High-Current, 25?? SPDT, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4660ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4660ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4660ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Current, 25
Ω, SPDT, CMOS
Analog Switches
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1nF, Figure 4
+25
°C
1.5
pC
-3dB Bandwidth
BW
+25
°C
225
MHz
Off-Isolation (Note 5)
VISO
f = 1MHz, RL = 50
Ω,
Figure 5
+25
°C
-70
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, VN_ =
5Vp-p, RL = 600
Ω
+25
°C
0.005
%
Crosstalk
VCROSS
RL = 50
Ω, CL = 5pF,
f = 1MHz, Figure 6
+25
°C
-76
dB
NO or NC Off-Capacitance
CNO(OFF),
CNC(OFF)
f = 1MHz, Figure 7
+25
°C6
pF
COM On-Capacitance
CCOM(ON)
f = 1MHz, Figure 8
+25
°C25
pF
DIGITAL I/O
Input Logic High
VIH
TMIN to TMAX
2.4
V
Input Logic Low
VIL
TMIN to TMAX
0.8
V
Input Leakage Current
IIN
VIN = 0.8V or 2.4V
TMIN to TMAX
-1
1
µA
POWER SUPPLY
Power-Supply Range
TMIN to TMAX
±4.5
±20
V
+25
°C
135
200
Positive Supply Current
I+
VIN = 0 or 5V, VN_ = 3V,
ISWITCH = 100mA,
MAX4660;
ISWITCH = 50mA,
MAX4659
TMIN to TMAX
300
µA
+25
°C30
50
Negative Supply Current
I-
VIN = 0 or 5V, VN_ = 3V,
ISWITCH = 100mA,
MAX4660;
ISWITCH = 50mA,
MAX4659
TMIN to TMAX
75
µA
+25
°C
100
175
Ground Current
IGND
VIN = 0 or 5V, VN_ = 3V,
ISWITCH = 100mA,
MAX4660;
ISWITCH = 50mA,
MAX4659
TMIN to TMAX
225
µA
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com