Electronic Components Datasheet Search
  English  ▼

X  

MAX4674EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4674EEE
Description  3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4674EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4674EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3V/5V, 4
Ω, Wideband Quad
2:1 Analog Multiplexer
8
_______________________________________________________________________________________
Test Circuits/Timing Diagrams
VAO
V+
VOUT
GND
V+
AO
COM
NO
VNO_
NC
MAX4674
RL
CL*
50
Ω
*CL INCLUDES STRAY CAPACITANCE.
EN
50%
VIH + 0.5V
0
VOUT
GND
VAO
90%
tOFF
tON
tR < 5ns
tF < 5ns
Figure 2. Turn-On and Turn-Off Times
50%
VIH + 0.5V
0
VCOM
VOUT
VAO
0
90%
tBBM
VAO
V+
VOUT
GND
V+
AO
NC, NO
COM
VN_ _
MAX4674
RL
CL*
50
Ω
*CL INCLUDES STRAY CAPACITANCE.
tR < 5ns
tF < 5ns
EN
Figure 3. Break-Before-Make Interval
0
V+
∆ VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE-
TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF.
∆ VOUT
Q =
∆ VOUT ✕ CL
VOUT
V+
VOUT
VGEN
RGEN
GND
V+
AO
V+ OR GND
NC, NO
COM
MAX4674
50
Ω
CL*
EN
VEN
*CL INCLUDES STRAY CAPACITANCE.
VEN
Figure 4. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com