Electronic Components Datasheet Search
  English  ▼

X  

MAX4633 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4633
Description  Fault-Protected, High-Voltage, Dual Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4633 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4633 Datasheet HTML 1Page - Maxim Integrated Products MAX4633 Datasheet HTML 2Page - Maxim Integrated Products MAX4633 Datasheet HTML 3Page - Maxim Integrated Products MAX4633 Datasheet HTML 4Page - Maxim Integrated Products MAX4633 Datasheet HTML 5Page - Maxim Integrated Products MAX4633 Datasheet HTML 6Page - Maxim Integrated Products MAX4633 Datasheet HTML 7Page - Maxim Integrated Products MAX4633 Datasheet HTML 8Page - Maxim Integrated Products MAX4633 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Fault-Protected, High-Voltage,
Dual Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, VINL_ = 0.8V, VINH_ = 2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND)
V+ ...........................................................................-0.3V to +44V
V- ............................................................................-44V to +0.3V
V+ to V-...................................................................-0.3V to +44V
COM_, IN_ (Note 1) ..............................(V- - 0.3V) to (V+ + 0.3V)
NC_, NO_ (Note 2)
MAX4631_ _E .....................................(V+ - 36V) to (V- + 36V)
MAX4632_ _E .....................................(V+ - 25V) to (V- + 25V)
MAX4633_ _E .....................................(V+ - 36V) to (V- + 36V)
NC_, NO_ to COM_
MAX4631_ _E ......................................................-36V to +36V
MAX4632_ _E ......................................................-25V to +25V
MAX4633_ _E ......................................................-36V to +36V
Continuous Current into Any Terminal..............................±30mA
Peak Current into Any Terminal (pulsed at 1ms,
10% duty cycle)............................................................±50mA
Continuous Power Dissipation (TA = +70°C) (Note 2)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
CERDIP (derate 10.00mW/°C above +70°C) ...............842mW
Operating Temperature Ranges
MAX463_C_E ......................................................0°C to +70°C
MAX463_E_E ...................................................-40°C to +85°C
MAX463_M_E ................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: COM_ and IN_ pins are not fault protected. Signals on COM_ to IN_ exceeding V+ or V- are clamped by internal diodes.
Limit forward diode current to maximum current rating.
Note 2: NC_ and NO_ pins are fault protected (see
Electrical Characteristics). With power applied to V+ or V-, signals on NC_ or
NO_ exceeding ±25V (MAX4632) or ±36V (MAX4631/MAX4633) may damage the device. With V+ = V- = 0, signals on NC_
or NO_ exceeding ±40V may damage the device.
TA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
C, E, M
Fault-Free Analog Signal Range
(Note 2)
VNO_,VNC_
V-
V+
V
C, E
100
M
200
Ω
+25°C
COM_ to NO_ or NC_
On-Resistance
RON
62
85
VCOM_ = ±10V,
ICOM_ = 1mA
C, E
10
M
15
Ω
+25°C
COM_ to NO_ or NC_
On-Resistance Match
Between Channels (Note 4)
∆RON
36
VCOM_ = ±10V,
ICOM_ = 1mA
C, E
-5
5
M
-100
100
nA
+25°C
NO_, NC_, COM_ Off-Leakage
Current (Note 5)
INO_ (OFF),
INC_ (OFF),
ICOM_(OFF)
-0.5
0.01
0.5
VCOM_ = ±14V,
VNO_ or VNC_ = −+14V
C, E
-20
20
M
-100
100
nA
+25°C
COM_ On-Leakage Current
(Note 5)
ICOM_(ON)
-0.5
0.01
0.5
VCOM_ = ±14V,
VNO_ or VNC_ = ±14V
or floating
C, E, M
-36
36
V
Fault-Protected Analog
Signal Range (Note 2)
VNO_, VNC_
Applies with
power on
C, E, M
-25
25
C, E, M
-40
40
Applies with power off
MAX4631/
MAX4633
MAX4632
ANALOG SWITCH
FAULT PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com