Electronic Components Datasheet Search
  English  ▼

X  

MAX4633 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4633
Description  Fault-Protected, High-Voltage, Dual Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4633 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4633 Datasheet HTML 1Page - Maxim Integrated Products MAX4633 Datasheet HTML 2Page - Maxim Integrated Products MAX4633 Datasheet HTML 3Page - Maxim Integrated Products MAX4633 Datasheet HTML 4Page - Maxim Integrated Products MAX4633 Datasheet HTML 5Page - Maxim Integrated Products MAX4633 Datasheet HTML 6Page - Maxim Integrated Products MAX4633 Datasheet HTML 7Page - Maxim Integrated Products MAX4633 Datasheet HTML 8Page - Maxim Integrated Products MAX4633 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Fault-Protected, High-Voltage,
Dual Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VINL_ = 0.8V, VINH_ = 2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
C, E
-200
200
M
-10
10
nA
+25°C
TA
C, E
NO_ or NC_ Input Leakage
Current, Supplies On
INO_, INC_
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
-200
200
-20
20
VNO_ or VNC_ = ±25V,
VCOM_ = ±10V
M
C, E
-200
200
-1
1
nA
M
CONDITIONS
+25°C
COM_ Output Leakage Current,
Supplies On
ICOM_
-10
10
-10
10
VNO_ or VNC_ = ±25V,
no connection to “on” channel
(MAX4632 only)
nA
+25°C
NO_ or NC_ Input Leakage
Current, Supplies Off
INO_, INC_
-20
20
VNO_ or VNC_ = ±40V,
-24
-18
13
mA
+25°C
COM_ Output Clamp Current,
Supplies On
ICOM_
13
18
24
VNO_ or VNC_ = +25V
C, E, M
2.4
V
IN_ Input Logic Voltage High
VINH_
C, E, M
-5
5
µA
µA
µA
+25°C
VNO_ or VNC_ = -25V
k
Ω
+25°C
COM_ Output Clamp Resistance,
Supplies On
RCOM_
0.5
1
VNO_ or VNC_ = ±25V
C, E, M
0.8
V
IN_ Input Logic Voltage Low
VINL_
+25°C
-1
0.03
1
µA
IN_ Input Current Logic
High or Low
IINH_, IINL_
VIN_ = 0.8V or 2.4V
ns
+25°C
100
150
VCOM_ = ±10V, RL = 1kΩ,
Figure 2
tON
C, E,
500
Turn-On Time
M
600
ns
+25°C
50
100
VCOM_ = ±10V, RL = 1kΩ,
Figure 2
tOFF
C, E,
400
Turn-Off Time
M
500
ns
+25°C
10
40
VCOM_ = ±10V, RL = 1kΩ,
Figure 3
tBBM
Break-Before-Make Time Delay
(MAX4632 only)
pC
+25°C
510
CL = 100pF, Figure 4,
NO_ = NC_ = GND, RS = 0
Q
Charge Injection (Note 6)
pF
C, E, M
18
NO_ = NC_ = GND, f = 1MHz,
Figure 5
CNC_(OFF),
CNO_(OFF)
NO_, NC_ Off- Capacitance
pF
C, E, M
18
COM_ = GND, f = 1MHz,
Figure 5
CCOM_(OFF)
COM_ Off-Capacitance
pF
C, E, M
22
COM_ = NO_ = NC_ = GND,
f = 1MHz, Figure 5
CCOM_(ON)
COM_ On-Capacitance
LOGIC INPUT
SWITCH DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com