Electronic Components Datasheet Search
  English  ▼

X  

TLV733P Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV733P
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV733P Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV733P Datasheet HTML 2Page - Texas Instruments TLV733P Datasheet HTML 3Page - Texas Instruments TLV733P Datasheet HTML 4Page - Texas Instruments TLV733P Datasheet HTML 5Page - Texas Instruments TLV733P Datasheet HTML 6Page - Texas Instruments TLV733P Datasheet HTML 7Page - Texas Instruments TLV733P Datasheet HTML 8Page - Texas Instruments TLV733P Datasheet HTML 9Page - Texas Instruments TLV733P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Current (mA)
0
50
100
150
200
250
300
3.24
3.255
3.27
3.285
3.3
3.315
3.33
3.345
D003
TJ = -40 GC
TJ = 0 GC
TJ = 25 GC
TJ = 85 GC
TJ = 125 GC
Current (mA)
0
50
100
150
200
250
300
3.264
3.272
3.28
3.288
3.296
3.304
3.312
3.32
D007
TJ = -40 GC
TJ = 0 GC
TJ = 25 GC
TJ = 85 GC
TJ = 125 GC
Current (mA)
0
50
100
150
200
250
300
1.76
1.768
1.776
1.784
1.792
1.8
1.808
1.816
D002
TJ = -40 GC
TJ = 0 GC
TJ = 25 GC
TJ = 85 GC
TJ = 125 GC
Current (mA)
0
50
100
150
200
250
300
1.779
1.782
1.785
1.788
1.791
1.794
1.797
1.8
D006
TJ = -40 GC
TJ = 0 GC
TJ = 25 GC
TJ = 85 GC
TJ = 125 GC
Current (mA)
0
50
100
150
200
250
300
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
D001
TJ = -40 GC
TJ = 0 GC
TJ = 25 GC
TJ = 85 GC
TJ = 125 GC
Current (mA)
0
50
100
150
200
250
300
0.976
0.98
0.984
0.988
0.992
0.996
1
1.004
D005
TJ = -40 GC
TJ = 0 GC
TJ = 25 GC
TJ = 85 GC
TJ = 125 GC
TLV733P
SBVS235A – OCTOBER 2014 – REVISED DECEMBER 2014
www.ti.com
6.6 Typical Characteristics
At operating temperature range (TJ = –40°C to 125°C), VIN = VOUTnom + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF, unless otherwise noted.
TLV73310PDBV
TLV73310PDQN
Figure 1. 1.0-V Load Regulation vs IOUT and Temperature
Figure 2. 1.0-V Load Regulation vs IOUT and Temperature
TLV73318PDBV
TLV73318PDQN
Figure 3. 1.8-V Load Regulation vs IO and Temperature
Figure 4. 1.8-V Load Regulation vs IOUT and Temperature
TLV73333PDBV
TLV73333PDQN
Figure 5. 3.3-V Load Regulation vs IOUT and Temperature
Figure 6. 3.3-V Load Regulation vs IOUT and Temperature
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TLV733P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com