Electronic Components Datasheet Search
  English  ▼

X  

TLV733P Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV733P
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV733P Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV733P Datasheet HTML 13Page - Texas Instruments TLV733P Datasheet HTML 14Page - Texas Instruments TLV733P Datasheet HTML 15Page - Texas Instruments TLV733P Datasheet HTML 16Page - Texas Instruments TLV733P Datasheet HTML 17Page - Texas Instruments TLV733P Datasheet HTML 18Page - Texas Instruments TLV733P Datasheet HTML 19Page - Texas Instruments TLV733P Datasheet HTML 20Page - Texas Instruments TLV733P Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
VOUT (500 mV/div)
Time (50 µs/div)
VIN (500 mV/div)
IOUT (100 mA/div)
IN
OUT
EN
GND
OFF
ON
TLV733
COUT
1 µF
DC-DC
Converter
Load
VOUT
1.5 V
CIN
1 µF
VOUT
1.8 V
TLV733P
www.ti.com
SBVS235A – OCTOBER 2014 – REVISED DECEMBER 2014
8.2 Typical Applications
8.2.1 DC-DC Converter Post Regulation
Figure 35. DC-DC Converter Post Regulation
8.2.1.1 Design Requirements
Table 2. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
1.8 V, ±5%
Output voltage
1.5 V, ±1%
Output current
200-mA dc, 300-mA peak
Output voltage transient deviation
< 10%, 1-A/µs load step from 50 mA to 200 mA
Maximum ambient temperature
85°C
8.2.1.2 Design Considerations
Input and output capacitors are required to achieve the output voltage transient requirements. Capacitance
values of 1 µF are selected to give the maximum output capacitance in a small, low-cost package.
Figure 7 shows the 1.2-V option dropout voltage. Given that dropout voltages are higher for lower output-voltage
options, and given that the 1.2-V option dropout voltage is typically less than 300 mV at 125°C, then the 1.5-V
option dropout voltage is typically less than 300 mV at 125°C.
Verify that the maximum junction temperature is not exceeded by referring to Figure 34.
8.2.1.3 Application Curve
Figure 36. 1.8-V to 1.5-V Regulation at 300 mA
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TLV733P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com