Electronic Components Datasheet Search
  English  ▼

X  

MAX4821 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4821
Description  3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4821 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4821 Datasheet HTML 5Page - Maxim Integrated Products MAX4821 Datasheet HTML 6Page - Maxim Integrated Products MAX4821 Datasheet HTML 7Page - Maxim Integrated Products MAX4821 Datasheet HTML 8Page - Maxim Integrated Products MAX4821 Datasheet HTML 9Page - Maxim Integrated Products MAX4821 Datasheet HTML 10Page - Maxim Integrated Products MAX4821 Datasheet HTML 11Page - Maxim Integrated Products MAX4821 Datasheet HTML 12Page - Maxim Integrated Products MAX4821 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3.3V/+5V, 8-Channel, Cascadable Relay Drivers
with Serial/Parallel Interface
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com