Electronic Components Datasheet Search
  English  ▼

X  

MAX4821 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4821
Description  3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4821 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4821 Datasheet HTML 1Page - Maxim Integrated Products MAX4821 Datasheet HTML 2Page - Maxim Integrated Products MAX4821 Datasheet HTML 3Page - Maxim Integrated Products MAX4821 Datasheet HTML 4Page - Maxim Integrated Products MAX4821 Datasheet HTML 5Page - Maxim Integrated Products MAX4821 Datasheet HTML 6Page - Maxim Integrated Products MAX4821 Datasheet HTML 7Page - Maxim Integrated Products MAX4821 Datasheet HTML 8Page - Maxim Integrated Products MAX4821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3.3V/+5V, 8-Channel, Cascadable Relay Drivers
with Serial/Parallel Interface
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPI TIMING (MAX4821)
Turn-On Time (OUT_)
tON
From rising edge of CS, RL = 50
Ω,
CL = 50pF
1.0
µs
Turn-Off Time (OUT_)
tOFF
From rising edge of CS, RL = 50
Ω,
CL = 50pF
1.0
µs
SCLK Frequency
fSCLK
0
2.1
MHz
Cycle Time
tCH + tCL
480
ns
CS Fall to SCLK Rise Setup
tCSS
240
ns
CS Rise to SCLK Hold
tCSH
240
ns
SCLK High Time
tCH
190
ns
SCLK Low Time
tCL
190
ns
Data Setup Time
tDS
100
ns
Data Hold Time
tDH
0ns
SCLK Fall to DOUT Valid
tDO
50% of SCLK to 10% of DOUT,
CL = 50pF
85
120
ns
Rise Time (DIN, SCLK, CS, SET,
RESET)
tSCR
20% of VCC to 70% of VCC, CL = 50pF
2
µs
Fall Time (DIN, SCLK, CS,
RESET, SET)
tSCF
20% of VCC to 70% of VCC, CL = 50pF
2
µs
RESET Min Pulse Width
tRW
70
ns
SET Min Pulse Width
tSW
70
ns
PARALLEL TIMING (MAX4820)
Turn-On Time
tON
From rising edge of CS, RL = 50
Ω,
CL = 50pF
1µs
Turn-Off Time
tOFF
From rising edge of CS, RL = 50
Ω,
CL = 50pF
1µs
LVL Setup Time
tLS
100
ns
LVL Hold Time
tLH
0ns
Address to CS Setup Time
tAH
100
ns
Address to CS Hold Time
tAS
0ns
Rise Time (A2, A1, A0, LVL)
tSCR
20% of VCC to 70% of VCC, CL = 50pF
2
µs
Fall Time (A2, A1, A0, LVL)
tSCF
20% of VCC to 70% of VCC, CL = 50pF
2
µs
RESET Pulse Width
tRW
70
ns
SET Pulse Width
tSW
70
ns
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V to +5.5V, VCOM = VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: Specifications at -40°C are guaranteed by design and not production tested.
Note 2: After relay turn-off, inductive kickback may momentarily cause the voltage at OUT_ to exceed VCOM. This is considered part
of normal operation and will not damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com