Electronic Components Datasheet Search
  English  ▼

X  

MAX499 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX499
Description  Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX499 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX499 Datasheet HTML 1Page - Maxim Integrated Products MAX499 Datasheet HTML 2Page - Maxim Integrated Products MAX499 Datasheet HTML 3Page - Maxim Integrated Products MAX499 Datasheet HTML 4Page - Maxim Integrated Products MAX499 Datasheet HTML 5Page - Maxim Integrated Products MAX499 Datasheet HTML 6Page - Maxim Integrated Products MAX499 Datasheet HTML 7Page - Maxim Integrated Products MAX499 Datasheet HTML 8Page - Maxim Integrated Products MAX499 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Quad/Triple, SPDT, RGB Switches
with 250MHz Video Buffer Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VIN_ _ = 0V, RL = 150Ω, LE = EN = CS = 0V, TA = 0°C to +70°C, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)................................................+12V
Voltage on IN_ _ to GND ..................(VEE - 0.3V) to (VCC + 0.3V)
Voltage on Digital Inputs
(LE,
EN, A0, CS) .........................................-0.3V to (VCC + 0.3V)
Voltage on OUT_ (disabled) ..................................................±4V
Output Short-Circuit Duration
to -4V
≤ OUT_ ≤ +4V ..................................................Continuous
Continuous Power Dissipation (TA = +70°C)
24-Pin SO (derate 11.76mW/°C above +70°C).............941mW
28-Pin SO (derate 12.5mW/°C above +70°C)......................1W
Operating Temperature Range .................................0°C to +70°
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
EN = 1
MAX498
MAX498
RL = 75Ω, -1.0V ≤ VIN ≤ +1.0V
0V
≤ VINL ≤ VCC
RL = 150Ω, -1.25V ≤ VIN ≤ +1.25V
-5.50V
≤ VEE ≤ -4.5V, VCC = +5.0V
EN = 0
4.50V
≤ VCC ≤ 5.50V, VEE = -5.0V
-2.0V
≤ VOUT_ ≤ +2.0V, RL = 75Ω
-2.50V
≤ VOUT ≤ +2.50V
-3.5V
≤ OUT_ ≤ +3.5V (Note 1)
Channel on or off
f = 10MHz
-1.25V
≤ VIN ≤ +1.25V
CONDITIONS
MAX498
14
17
EN = 1
MAX498
MAX499
31
41
MAX499
MAX499
MAX499
40
52
µA
-10
130
IINL
Logic Input Current
V
2
VINLH
Logic High Voltage
V
0.8
VINLL
Logic Low Voltage
dB
55
72
PSR-
Negative Power-Supply
Rejection
dB
55
72
PSR+
Positive Power-Supply Rejection
V
±4.50
±5.50
Operating Supply-Voltage Range
k
Ω
1.0
1.2
Off Output Resistance
Ω
3.0
On Output Impedance
Ω
0.15
ROUT
On Output Resistance
V/V
1.965
2.030
AV
Voltage Gain
1.985
2.030
mA
V
±1.25
±1.70
VIN
Input Voltage Range
11
14
mA
IOUT_
Output Current
±27
±40
mA
120
IOUT(SC)
Output Short-Circuit Current
pF
2
CIN
Input Capacitance
mV
±2
±9
VOS
Input Offset Voltage
µV/°C
±50
TCVOS
Input Offset Voltage Drift
µA
±1
±7
IB
Input Bias Current
k
Ω
200
700
RIN
Input Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ICC
Positive Supply Current
EN = 0
12
15
29
39
38
50
mA
912
IEE
Negative Supply Current
Note 1:
Limited by package power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com