Electronic Components Datasheet Search
  English  ▼

X  

MAX499 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX499
Description  Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX499 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX499 Datasheet HTML 1Page - Maxim Integrated Products MAX499 Datasheet HTML 2Page - Maxim Integrated Products MAX499 Datasheet HTML 3Page - Maxim Integrated Products MAX499 Datasheet HTML 4Page - Maxim Integrated Products MAX499 Datasheet HTML 5Page - Maxim Integrated Products MAX499 Datasheet HTML 6Page - Maxim Integrated Products MAX499 Datasheet HTML 7Page - Maxim Integrated Products MAX499 Datasheet HTML 8Page - Maxim Integrated Products MAX499 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TIMING CHARACTERISTICS
(VCC = +5V, VEE = -5V, VIN_ _ = 0V, RL = 150Ω, LE = EN = CS = 0V, TA = 0°C to +70°C. Typical values are at TA = +25°C, unless
otherwise noted.)
Quad/Triple, SPDT, RGB Switches
with 250MHz Video Buffer Amplifiers
_______________________________________________________________________________________
3
f = 10MHz (Note 3)
f = 10MHz (Note 2)
f = 3.58MHz (Note 5), RL = 150Ω
fC = 3MHz
f = 10MHz
f = 100kHz
f = 3.58MHz (Note 5), RL = 150Ω
f = 100kHz
EN = 1, f = 10MHz (Note 4)
CONDITIONS
degrees
0.06
Diff Phase
Differential Phase
%
0.03
Diff Gain
Differential Gain
dB
81
Off-Isolation
dB
62
All-Hostile Crosstalk
dB
90
Adjacent-Channel Crosstalk
dBc
-66
SFDR
Spurious-Free Dynamic Range
dB
-50
THD
Total Harmonic Distortion
nV/
√Hz
7.8
Input Voltage Noise Density
pA/
√Hz
2.6
Input Current Noise Density
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VIN__ = 0V, RL = 100Ω, LE = EN = CS = 0V, TA = +25°C, unless otherwise noted.)
0.1%, VOUT = 4V step
ns
12
ts
Settling Time
VOUT = 4V step
V/µs
1250
SR
Slew Rate
VOUT = ±2V
MHz
135
FPBW
Full-Power, -3dB Bandwidth
VIN ≤ 100mVp-p
MHz
70
±0.1dB Gain Flatness
VIN ≤ 100mVp-p
MHz
250
BW-3dB
Small-Signal, -3dB Bandwidth
Note 2:
Test-channel input grounded through a 50
Ω resistor. Adjacent channel driven to a 2Vp-p output with a 10MHz sine wave
(Figure 9).
Note 3:
Same as Note 2, except all channels but the test channel are driven to a 2Vp-p output with a 10MHz sine wave (Figure 9).
Note 4:
Test-channel input connected to a 2Vp-p sine wave at 10MHz. The test channel’s output is measured with the outputs
disabled (Figure 9).
Note 5:
Input test signal is a 3.58MHz sine wave of 40IRE amplitude, superimposed on a 0IRE to 100IRE linear ramp (Figure 10).
Note 6:
Guaranteed by design.
Note 7:
VINA = +1V, VINB = -1V, delay from CS to 10% of VOUT.
Note 8:
VINA = +1V, VINB = -1V, delay from CS to 10% of VOUT.
Note 9:
Delay from
EN to 90% of VOUT.
Note 10: Delay from
EN to 10% of VOUT.
Positive
(Note 8)
(Note 7)
VINA = VINB = 0V
(Note 6)
LE = high (Note 6)
LE = high (Note 6)
CONDITIONS
70
ns
3
tSW
Channel-Switching Time
ns
20
tPD
Channel-Switching
Propagation Delay
ns
15
tCS
CS Pulse Width
ns
4
tH
A0/
EN to CS Hold Time
ns
8
tSU
A0/
EN to CS Setup Time
mV
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Channel-Switching Transient
(Note 9)
16
ns
tOFF
Amplifier-Disable Time
(Note 10)
24
ns
tON
Amplifier-Enable Time
Negative
50
Negative
Positive
150
VINA = VINB = 0V
10
mV
Enable/Disable Switching
Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com