Electronic Components Datasheet Search
  English  ▼

X  

MAX4841 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4841
Description  Overvoltage Protection Controllers with Status FLAG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4841 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4841 Datasheet HTML 2Page - Maxim Integrated Products MAX4841 Datasheet HTML 3Page - Maxim Integrated Products MAX4841 Datasheet HTML 4Page - Maxim Integrated Products MAX4841 Datasheet HTML 5Page - Maxim Integrated Products MAX4841 Datasheet HTML 6Page - Maxim Integrated Products MAX4841 Datasheet HTML 7Page - Maxim Integrated Products MAX4841 Datasheet HTML 8Page - Maxim Integrated Products MAX4841 Datasheet HTML 9Page - Maxim Integrated Products MAX4841 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Overvoltage Protection Controllers with
Status FLAG
_______________________________________________________________________________________
9
GND
GATE
FLAG
16
EN
(N.C.)
5
N.C.
IN
MAX4838–
MAX4841
TOP VIEW
2
34
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50
Ω to 100Ω
RD
330
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 10. IEC 1000-4-2 ESD Test Model
( ) FOR MAX4839 AND MAX4841 ONLY.
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 11. IEC 1000-4-2 ESD Generator Current
Pin Configuration
Chip Information
TRANSISTOR COUNT: 737
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com