Electronic Components Datasheet Search
  English  ▼

X  

MAX4841 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4841
Description  Overvoltage Protection Controllers with Status FLAG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4841 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4841 Datasheet HTML 2Page - Maxim Integrated Products MAX4841 Datasheet HTML 3Page - Maxim Integrated Products MAX4841 Datasheet HTML 4Page - Maxim Integrated Products MAX4841 Datasheet HTML 5Page - Maxim Integrated Products MAX4841 Datasheet HTML 6Page - Maxim Integrated Products MAX4841 Datasheet HTML 7Page - Maxim Integrated Products MAX4841 Datasheet HTML 8Page - Maxim Integrated Products MAX4841 Datasheet HTML 9Page - Maxim Integrated Products MAX4841 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Overvoltage Protection Controllers with
Status FLAG
6
_______________________________________________________________________________________
Detailed Description
The MAX4838–MAX4841 provide up to 28V overvoltage
protection for low-voltage systems. When the input volt-
age exceeds the overvoltage trip level, the MAX4838–
MAX4841 turn off a low-cost external N-channel FET(s)
to prevent damage to the protected components. An
internal charge pump (Figure 5) drives the FET gate for
a simple, robust solution.
Undervoltage Lockout (UVLO)
The MAX4838–MAX4841 have a fixed 3.25V typical
undervoltage lockout level (UVLO). When VIN is less
than the UVLO, the GATE driver is held low and FLAG
is asserted.
Overvoltage Lockout (OVLO)
The MAX4838/MAX4839 have a 7.4V typical overvolt-
age threshold (OVLO), and the MAX4840/MAX4841
have a 5.8V typical overvoltage threshold. When VIN is
greater than OVLO, the GATE driver is held low and
FLAG is asserted.
FLAG Output
The FLAG output is used to signal the host system
there is a fault with the input voltage. FLAG asserts
immediately to an overvoltage fault. FLAG is held low
for 50ms after GATE turns on before deasserting.
The MAX4839 and MAX4841 have a push-pull FLAG out-
put. The output high voltage is proportional to VIN for VIN
up to 5.5V, and fixed at 5.5V when VIN > 5.5V.
The MAX4838 and MAX4840 have an open-drain FLAG
output. Connect a pullup resistor from FLAG to the
logic I/O voltage of the host system.
EN Enable Input
EN is an active-low enable input on the MAX4838 and
MAX4840 only. Drive EN low or connect to ground to
enable normal device operation. Drive EN high to force
the external MOSFET(s) off. EN does not override an
OVLO or UVLO fault.
GATE Driver
An on-chip charge pump is used to drive GATE above
IN, allowing the use of low-cost N-channel MOSFETS.
The charge pump operates from the internal 5.5V
regulator.
The actual GATE output voltage tracks approximately
two times VIN until VIN exceeds 5.5V or the OVLO trip
level is exceeded, whichever comes first. The
MAX4838/MAX4839 have a 7.4V typical OVLO, there-
fore GATE remains relatively constant at about 10.5V
for 5.5V < VIN < 7.4V. The MAX4840/MAX4841 have a
5.8V typical OVLO, but this can be as low as 5.5V. The
MAX4840/MAX4841 in practice may never actually
achieve the full 10.5V GATE output. The GATE output
voltage as a function of input voltage is shown in the
Typical Operating Characteristics.
Device Operation
The MAX4838–MAX4841 have an on-board state
machine to control device operation. A flowchart is
shown in Figure 6. On initial power-up, if VIN < UVLO or
if VIN > OVLO, GATE is held at 0V, and FLAG is low.
If UVLO < VIN < OVLO and EN is low, the device enters
startup after a 50ms internal delay. The internal charge
pump is enabled, and GATE begins to be driven above
VIN by the internal charge pump. FLAG is held low dur-
ing startup until the FLAG blanking period expires, typi-
cally 50ms after the GATE starts going high. At this
point the device is in its on state.
At any time if VIN drops below UVLO, FLAG is driven
low and GATE is driven to ground.
IN
GATE
GND
EN
5.5V
REGULATOR
2x CHARGE
PUMP
GATE DRIVER
CONTROL
LOGIC AND TIMER
UVLO AND
OVLO
DETECTOR
FLAG
MAX4838–
MAX4841
Figure 5. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com