Electronic Components Datasheet Search
  English  ▼

X  

MAX504 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX504
Description  5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX504 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX504 Datasheet HTML 8Page - Maxim Integrated Products MAX504 Datasheet HTML 9Page - Maxim Integrated Products MAX504 Datasheet HTML 10Page - Maxim Integrated Products MAX504 Datasheet HTML 11Page - Maxim Integrated Products MAX504 Datasheet HTML 12Page - Maxim Integrated Products MAX504 Datasheet HTML 13Page - Maxim Integrated Products MAX504 Datasheet HTML 14Page - Maxim Integrated Products MAX504 Datasheet HTML 15Page - Maxim Integrated Products MAX504 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AC Considerations
Digital Feedthrough
High-speed serial data at any of the digital input or output
pins may couple through the DAC package and cause
internal stray capacitance to appear at the DAC output as
noise, even though CS is held high (see
Typical Operating
Characteristics). This digital feedthrough is tested by hold-
ing CS high transmitting 0101... from DIN to DOUT.
Analog Feedthrough
Because of internal stray capacitance, higher frequency
analog input signals may couple to the output as shown in
the Analog Feedthrough vs. Frequency graph in the
Typical Operating Characteristics. It is tested by holding
CS high, setting the DAC code to all 0s, and sweeping
REFIN.
5V, Low-Power, Voltage-Output,
Serial 10-Bit DACs
______________________________________________________________________________________
13
MAX504
INVERTED
R-2R DAC
DIN DOUT
SIGNAL
IN
2.048V
REFIN
VDD VSS
2R
2R
CS CLR
BIPOFF
RFB
VOUT
REFOUT
Figure 9. MAX504 Connected as Four-Quadrant Multiplier. The
unused REFOUT is connected to VDD.
1
2
3
4
5
1
2
3
4
5
0
POSITIVE OFFSET
NEGATIVE OFFSET
DAC CODE (LSBs)
Figure 10. Single-Supply Offset
8
10
9
14
13
12
11
5
6
2
3
4
7
1
8
7
6
5
1
2
3
4
0.1
µF
(b) MAX515 BYPASSING
(a) MAX504 BYPASSING
ANALOG GROUND PLANE
0.1
µF
0.1
µF
Figure 11. Power-Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com