Electronic Components Datasheet Search
  English  ▼

X  

MAX504 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX504
Description  5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX504 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX504 Datasheet HTML 1Page - Maxim Integrated Products MAX504 Datasheet HTML 2Page - Maxim Integrated Products MAX504 Datasheet HTML 3Page - Maxim Integrated Products MAX504 Datasheet HTML 4Page - Maxim Integrated Products MAX504 Datasheet HTML 5Page - Maxim Integrated Products MAX504 Datasheet HTML 6Page - Maxim Integrated Products MAX504 Datasheet HTML 7Page - Maxim Integrated Products MAX504 Datasheet HTML 8Page - Maxim Integrated Products MAX504 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
5V, Low-Power, Voltage-Output
Serial 10-Bit DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
VDD to DGND and VDD to AGND ................................-0.3V, +6V
VSS to DGND and VSS to AGND .................................-6V, +0.3V
VDD to VSS .................................................................-0.3V, +12V
AGND to DGND........................................................-0.3V, +0.3V
Digital Input Voltage to DGND ......................-0.3V, (VDD + 0.3V)
REFIN ..................................................(VSS - 0.3V), (VDD + 0.3V)
REFOUT to AGND .........................................-0.3V, (VDD + 0.3V)
RFB .....................................................(VSS - 0.3V), (VDD + 0.3V)
BIPOFF ................................................(VSS - 0.3V), (VDD + 0.3V)
VOUT (Note 1) ................................................................VSS, VDD
Continuous Current, Any Pin................................-20mA, +20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) ..... 800mW
14-Pin SO (derate 8.33mW/°C above +70°C)................667mW
Operating Temperature Ranges
MAX5_ _C_ _.........................................................0°C to +70°C
MAX5_ _E_ _ ......................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(VDD = 5V, VSS = 0V, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT (MAX504), CREFOUT = 33µF (MAX504),
RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Unipolar Offset Error
VOS
0
3
LSB
Differential Nonlinearity
DNL
±1
LSB
Unipolar Offset Tempco
TCVOS
3
ppm/°C
Gain Error (Note 2)
GE
±1
LSB
Resolution
N
10
Bits
Gain-Error Tempco
1
ppm/°C
Gain-Error Power-Supply
Rejection Ratio
PSRR
0.1
LSB/V
0
VDD - 2
Output Voltage Range
0
VDD - 0.4
V
Output Load Regulation
0.5
LSB
Short-Circuit Current
ISC
12
mA
Voltage Range
0
VDD - 2
V
Input Resistance
40
k
Ω
Input Capacitance
10
50
pF
AC Feedthrough
-80
dB
CONDITIONS
Guaranteed monotonic
4.5V
≤ VDD ≤ 5.5V
MAX504 (G = 1)
MAX504 (G = 2), MAX515
VOUT = 2V, RL = 2kΩ
Code dependent, minimum at code 0101...
Code dependent (Note 3)
REFIN = 1kHz, 2Vp-p
Note 1: The output may be shorted to VDD, VSS, or AGND if the package power dissipation limit is not exceeded.
Relative Accuracy (Note 2)
INL
±0.5
LSB
Unipolar Offset-Error
Power-Supply Rejection Ratio
PSRR
0.1
LSB/V
4.5V
≤ VDD ≤ 5.5V
REFERENCE INPUT (REFIN)
VOLTAGE OUTPUT (VOUT)
STATIC PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com