Electronic Components Datasheet Search
  English  ▼

X  

MAX512C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX512C/D
Description  Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX512C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX512C/D Datasheet HTML 8Page - Maxim Integrated Products MAX512C/D Datasheet HTML 9Page - Maxim Integrated Products MAX512C/D Datasheet HTML 10Page - Maxim Integrated Products MAX512C/D Datasheet HTML 11Page - Maxim Integrated Products MAX512C/D Datasheet HTML 12Page - Maxim Integrated Products MAX512C/D Datasheet HTML 13Page - Maxim Integrated Products MAX512C/D Datasheet HTML 14Page - Maxim Integrated Products MAX512C/D Datasheet HTML 15Page - Maxim Integrated Products MAX512C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Low-Cost, Triple, 8-Bit Voltage-Output DACs
with Serial Interface
12
______________________________________________________________________________________
_____________
Applications Information
Power-Supply and Reference
Operating Ranges
The MAX512 is fully specified to operate with
VDD = 5V ±10% and VSS = GND = 0V. The MAX513 is
specified for single-supply operation with VDD ranging from
2.7V to 3.6V, covering all commonly used supply voltages
in 3V systems. The MAX512/MAX513 can also be used
with a negative supply ranging from -1.5V to -5.5V. Using a
negative supply typically improves zero-code error and
settling time (as shown in the
Typical Operating
Characteristics graphs).
The two separate reference inputs for the DAC pair A/B
and the unbuffered output C allow different full-scale out-
put voltages and, if a negative supply is used, also allow
different polarity. In dual-supply mode, REFAB can vary
from VSS to (VDD - 1.5V). In single-supply mode, the
specified range for REFAB is 0V to VDD. REFC can range
from GND to VDD. Do not force REFC below ground.
Power-supply sequencing is not critical. If a negative sup-
ply is used, make sure VSS is never more than 0.3V above
ground. Do not apply signals to the digital inputs until the
device is powered-up. If this is not possible, add current-
limiting resistors to the digital inputs.
Power-Supply Bypassing and
Ground Management
In single-supply operation (VSS = GND), GND and VSS
should be connected to the highest quality ground
available. Bypass VDD with a 0.1µF to 0.22µF capacitor
to GND. For dual-supply operation, bypass VSS with a
0.1µF to 0.22µF capacitor to GND. Reference inputs
can be used without bypassing. For optimum line/load-
transient response and noise performance, bypass the
reference inputs with 0.1µF to 4.7µF to GND. Careful
PC board layout minimizes crosstalk among DAC out-
puts, reference inputs, and digital inputs. Separate ana-
log lines with ground traces between them. Make sure
that high-frequency digital lines are not routed in paral-
lel to analog lines.
Unipolar Output
With unipolar output, the output voltage and the refer-
ence voltage are the same polarity. The MAX512/
MAX513 can be used with a single supply if the refer-
ence voltages are positive. With a negative supply,
t h e
REFAB
voltage
can
vary
from
VSS to
approximately (VDD - 1.5V), allowing two-quadrant mul-
tiplication.
CS
SCLK
DIN
LOUT
tDS
tOD
tDH
tCL
tCH
tCSS
tCSPWH
tCSH
Figure 3. MAX512/MAX513 Detailed Serial-Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com