Electronic Components Datasheet Search
  English  ▼

X  

MAX512C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX512C/D
Description  Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX512C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX512C/D Datasheet HTML 8Page - Maxim Integrated Products MAX512C/D Datasheet HTML 9Page - Maxim Integrated Products MAX512C/D Datasheet HTML 10Page - Maxim Integrated Products MAX512C/D Datasheet HTML 11Page - Maxim Integrated Products MAX512C/D Datasheet HTML 12Page - Maxim Integrated Products MAX512C/D Datasheet HTML 13Page - Maxim Integrated Products MAX512C/D Datasheet HTML 14Page - Maxim Integrated Products MAX512C/D Datasheet HTML 15Page - Maxim Integrated Products MAX512C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Low-Cost, Triple, 8-Bit Voltage-Output DACs
with Serial Interface
14
______________________________________________________________________________________
DAC B
DAC A
OUTA
OUTB
MAX512
MAX513
0.05
µF
0.01
µF
VGG1
VDD1
VDD2
VGG2
RFOUT
RFIN
REFAB = -4.2V
Figure 5. RF Bias Circuit
DAC
LATCH
A
DAC A
DAC
LATCH
B
DAC B
DAC
LATCH
C
LATCH
DAC C
SCLK
OUTA
OUTB
OUTC
LOUT
DIN
CS
REFAB
REFC
RESET
VDD
VDD
VDD
VOUT
VOUT
VSS
VDD
VSS
VSS
VSS
GND
MAX512
MAX513
12
45
6
7
8
9
10
11
12
3
14
0.22
µF
0.22
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.05
µF
0.1
µF
R*
R*
** CONNECT PIN 8 TO GND
ICL7612A**
ICL7612A**
* R IN 10k
Ω RANGE
R*
R*
Figure 4. Bipolar Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com