Electronic Components Datasheet Search
  English  ▼

X  

ICS83940DI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS83940DI
Description  Operating supply modes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83940DI Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS83940DI Datasheet HTML 1Page - Integrated Device Technology ICS83940DI Datasheet HTML 2Page - Integrated Device Technology ICS83940DI Datasheet HTML 3Page - Integrated Device Technology ICS83940DI Datasheet HTML 4Page - Integrated Device Technology ICS83940DI Datasheet HTML 5Page - Integrated Device Technology ICS83940DI Datasheet HTML 6Page - Integrated Device Technology ICS83940DI Datasheet HTML 7Page - Integrated Device Technology ICS83940DI Datasheet HTML 8Page - Integrated Device Technology ICS83940DI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ICS83940DYI REVISION C MARCH 20, 2013
3
©2013 Integrated Device Technology, Inc.
ICS83940DI Data Sheet
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS/LVTTL FANOUT BUFFER
Function Tables
Table 3A. Clock Select Function Table
Table 3B. Clock Input Function Table
NOTE 1: Please refer to the Application Information Section, Wiring the Differential Input to Accept Single-ended Levels.
Control Input
Clock
CLK_SEL
PCLK, nPCLK
LVCMOS_CLK
0
Selected
De-selected
1
De-selected
Selected
Inputs
Outputs
Input to Output Mode
Polarity
CLK_SEL
LVCMOS_CLK
PCLK
nPCLK
Q[0:17]
0–01
LOW
Differential to Single-Ended
Non-Inverting
0–10
HIGH
Differential to Single-Ended
Non-Inverting
0
–
0
Biased; NOTE 1
LOW
Single-Ended to Single-Ended
Non-Inverting
0
–
1
Biased; NOTE 1
HIGH
Single-Ended to Single-Ended
Non-Inverting
0
–
Biased; NOTE 1
0
HIGH
Single-Ended to Single-Ended
Inverting
0
–
Biased; NOTE 1
1
LOW
Single-Ended to Single-Ended
Inverting
10––
LOW
Single-Ended to Single-Ended
Non-Inverting
11––
HIGH
Single-Ended to Single-Ended
Non-Inverting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com