Electronic Components Datasheet Search
  English  ▼

X  

ICS83940DI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS83940DI
Description  Operating supply modes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83940DI Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS83940DI Datasheet HTML 1Page - Integrated Device Technology ICS83940DI Datasheet HTML 2Page - Integrated Device Technology ICS83940DI Datasheet HTML 3Page - Integrated Device Technology ICS83940DI Datasheet HTML 4Page - Integrated Device Technology ICS83940DI Datasheet HTML 5Page - Integrated Device Technology ICS83940DI Datasheet HTML 6Page - Integrated Device Technology ICS83940DI Datasheet HTML 7Page - Integrated Device Technology ICS83940DI Datasheet HTML 8Page - Integrated Device Technology ICS83940DI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATA SHEET
ICS83940DYI REVISION C MARCH 20, 2013
1
©2013 Integrated Device Technology, Inc.
Low Skew, 1-to18
LVPECL-to-LVCMOS/LVTTL Fanout Buffer
ICS83940DI
General Description
The ICS83940DI is a low skew, 1-to-18 LVPECL- to-LVCMOS/LVTTL
Fanout Buffer. The ICS83940DI has two selectable clock inputs. The
PCLK, nPCLK pair can accept LVPECL, CML, or SSTL input levels.
The LVCMOS_CLK can accept LVCMOS or LVTTL input levels. The
low impedance LVCMOS/LVTTL outputs are designed to drive 50
series or parallel terminated transmission lines.
The ICS83940DI is characterized at full 3.3V and 2.5V or mixed 3.3V
core, 2.5V output operating supply modes. Guaranteed output and
part-to-part skew characteristics make the ICS83940DI ideal for
those clock distribution applications demanding well defined
performance and repeatability.
Block Diagram
Features
Eighteen LVCMOS/LVTTL outputs
Selectable LVCMOS_CLK or LVPECL clock inputs
PCLK, nPCLK pair can accept the following differential input
levels: LVPECL, CML, SSTL
LVCMOS_CLK supports the following input types: LVCMOS or
LVTTL
Maximum output frequency: 250MHz
Output skew: 150ps (maximum)
Part-to-part skew: 750ps (maximum)
Operating supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
-40°C to 85°C ambient operating temperature
Lead-free (RoHS 6) packaging
Pin Assignments
32 Lead VFQFN
5mm x 5mm x 0.925mm package body
K Package
Top View
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
CLK_SEL
PCLK
nPCLK
LVCMOS_CLK
0
1
18
Q0:Q17
Pulldown
Pulldown
Pulldown
Pullup/Pulldown
910 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
GND
LVCMOS_CLK
CLK_SEL
PCLK
nPCLK
VDD
VDDO
Q6
Q7
Q8
VDD
Q9
Q10
Q11
GND
ICS83940DI
32 31 30 29 28 27 26 25
910 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q6
Q7
Q8
VDD
Q9
Q10
Q11
GND
GND
GND
LVCMOS_CLK
CLK_SEL
PCLK
nPCLK
VDD
VDDO
ICS83940DI


Similar Part No. - ICS83940DI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A DECEMBER 12, 2002
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI Datasheet
237Kb / 19P
Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
logo
Integrated Circuit Syst...
ICS83940DI01 ICST-ICS83940DI01 Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
ICS83940DI01L ICST-ICS83940DI01L Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
More results

Similar Description - ICS83940DI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F3651TNFC RENESAS-R5F3651TNFC_11 Datasheet
891Kb / 115P
This MCU consumes low power, and supports operating modes
R5F364A6NFA RENESAS-R5F364A6NFA Datasheet
747Kb / 92P
This MCU consumes low power, and supports operating modes
R5F363A6NFA RENESAS-R5F363A6NFA_11 Datasheet
918Kb / 119P
This MCU consumes low power, and supports operating modes
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Rohm
TLR342XXX ROHM-TLR342XXX Datasheet
1Mb / 38P
Low Operating Supply Voltage
logo
Integrated Device Techn...
8T49N281 IDT-8T49N281 Datasheet
1Mb / 63P
Operating modes: locked to input signal
logo
CML Microcircuits
FX929B CMLMICRO-FX929B Datasheet
1Mb / 48P
Flexible Operating Modes
logo
ON Semiconductor
NB3V63143G ONSEMI-NB3V63143G Datasheet
277Kb / 21P
Operating Power Supply
January, 2016 ??Rev. 2
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
Wide operating supply range
logo
Microchip Technology
LAN89730 MICROCHIP-LAN89730 Datasheet
1Mb / 218P
Implements Reduced Power Operating Modes
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com