Electronic Components Datasheet Search
  English  ▼

X  

ICS83948I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS83948I
Description  Maximum output frequency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83948I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS83948I Datasheet HTML 1Page - Integrated Device Technology ICS83948I Datasheet HTML 2Page - Integrated Device Technology ICS83948I Datasheet HTML 3Page - Integrated Device Technology ICS83948I Datasheet HTML 4Page - Integrated Device Technology ICS83948I Datasheet HTML 5Page - Integrated Device Technology ICS83948I Datasheet HTML 6Page - Integrated Device Technology ICS83948I Datasheet HTML 7Page - Integrated Device Technology ICS83948I Datasheet HTML 8Page - Integrated Device Technology ICS83948I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ICS83948I
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL CLOCK GENERATOR
2
ICS83948AYI REV. C NOVEMBER 14, 2012
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3A. Clock Select Function Table
Number
Name
Type
Description
1
CLK_SEL
Input
Pullup
Clock select input. When HIGH, selects LVCMOS_CLK input.
When LOW, selects CLK/nCLK inputs. LVCMOS / LVTTL interface levels.
2
LVCMOS_CLK
Input
Pullup
Single-ended clock input. LVCMOS/LVTTL interface levels.
3
CLK
Input
Pullup
Non-inverting differential clock input.
4
nCLK
Input
Pulldown
Inverting differential clock input.
5
CLK_EN
Input
Pullup
Clock enable pin. LVCMOS/LVTTL interface levels.
6
OE
Input
Pullup
Output enable pin. LVCMOS/LVTTL interface levels.
7VDD
Power
Positive supply pin.
8, 12, 16,
20, 24, 28, 32
GND
Power
Power supply ground.
9, 11, 13,
15, 17, 19,
21, 23, 25,
27, 29, 31
Q11, Q10, Q9,
Q8, Q7, Q6,
Q5, Q4, Q3,
Q2, Q1, Q0
Output
Single-ended clock outputs. LVCMOS/LVTTL interface levels.
10, 14, 18,
22, 26, 30
VDDO
Power
Output supply pins.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
CPD
Power Dissipation Capacitance
(per output)
25
pF
ROUT
Output Impedance
7
Control Input
Clock
CLK_SEL
CLK/nCLK
LVCMOS_CLK
0
Selected
De-selected
1
De-selected
Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com