Electronic Components Datasheet Search
  English  ▼

X  

ICS83948I Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS83948I
Description  Maximum output frequency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83948I Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS83948I Datasheet HTML 5Page - Integrated Device Technology ICS83948I Datasheet HTML 6Page - Integrated Device Technology ICS83948I Datasheet HTML 7Page - Integrated Device Technology ICS83948I Datasheet HTML 8Page - Integrated Device Technology ICS83948I Datasheet HTML 9Page - Integrated Device Technology ICS83948I Datasheet HTML 10Page - Integrated Device Technology ICS83948I Datasheet HTML 11Page - Integrated Device Technology ICS83948I Datasheet HTML 12Page - Integrated Device Technology ICS83948I Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ICS83948I
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL CLOCK GENERATOR
9
ICS83948AYI REV. C NOVEMBER 14, 2012
Reliability Information
Table 6. JA vs. Air Flow Table for a 32 Lead LQFP
Transistor Count
The transistor count for ICS83948I is: 1040
Pin compatible with the MPC948/948L
JA by Velocity
Linear Feet per Minute
0200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com