Electronic Components Datasheet Search
  English  ▼

X  

MAX5158EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5158EEE
Description  Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5158EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5158EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Power, Dual, 10-Bit Voltage-Output DACs
with Serial Interface
8
_______________________________________________________________________________________
_____________________________Typical Operating Characteristics (continued)
(VDD = +5V (MAX5158), VDD = +3V (MAX5159), RL = 10kΩ, CL = 100pF, OS_ pins tied to AGND, unless otherwise noted.)
0.40
0.45
0.50
0.55
0.60
4.50
4.75
5.00
5.25
5.50
MAX5158
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
CODE = 0000 (HEX)
CODE = 1FF8 (HEX)
0.40
0.45
0.50
0.55
0.60
2.7
3.0
3.3
3.6
MAX5159
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
CODE = 0000 (HEX)
CODE = 1FF8 (HEX)
OUTB
200
µV/div
AC COUPLED
OUTA
5V/div
MAX5158
ANALOG CROSSTALK
VREF = 2.048V, GAIN = +2V/V, CODE = 1FF8 HEX
250
µs/div
MAX5158
DIGITAL FEEDTHROUGH
OUTA
500
µV/div
AC COUPLED
SCLK
5V/div
2.5
µs/div
5
µs/div
MAX5158
MAJOR-CARRY TRANSITION
TRANSITION FROM 1000 (HEX) TO 0FF8 (HEX)
OUT_
50mV/div
AC COUPLED
2V/div
CS
MAX5158/MAX5159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com