Electronic Components Datasheet Search
  English  ▼

X  

MAX5170BEEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5170BEEE
Description  Low-Power, Serial, 14-Bit DACs with Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5170BEEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5170BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Power, Serial, 14-Bit DACs
with Voltage Output
8
_______________________________________________________________________________________
2.5
-0.5
10
100
1k
10k
100k
OUTPUT VOLTAGE vs. LOAD RESISTANCE
0
1.0
2.0
RL (Ω)
0.5
1.5
VCS
3V/div
3V
10mV
2.048V
0
VOUT
500mV/div
DYNAMIC RESPONSE
MAX5170/72 toc20
2
µs/div
VCS
3V/div
3V
10mV
2.048V
0
VOUT
500mV/div
DYNAMIC RESPONSE
MAX5170/72 toc21
2
µs/div
-78.0
10
100
1k
10k
100k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
-81.0
-80.5
-80.0
-79.5
-79.0
-78.5
-81.5
-82.0
FREQUENCY (Hz)
OUT
100mV/div
5
µs/div
MAJOR-CARRY TRANSITION
CS
2V/div
AC-COUPLED
VOUT/VREF
12.5dB/div
20
0
10k
REFERENCE FEEDTHROUGH
FREQUENCY (Hz)
VREF = 0.8VDC + 1.6Vp-p at f = 1kHz
FFT PLOT
FREQUENCY (Hz)
VOUT/VREF
12.5dB/div
20
0
100k
VREF = 0.9VDC + 0.424Vp-p
at f = 10kHz
OUT
500
µV/div
2
µs/div
SCLK
2V/div
DIGITAL FEEDTHROUGH (SCLK, OUT)
AC-COUPLED
2.0480
2.0482
2.0484
2.0488
2.0486
2.0490
-50
-30
-10
10
30
50
70
90
OUTPUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
MAX5172
Typical Operating Characteristics (continued)
(MAX5170: VDD = +5V, VREF = 2.5V; MAX5172: VDD = +3V, VREF = 1.25V; CL = 100pF, OS = AGND, code = 3FFF hex, TA = +25°C,
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com