Electronic Components Datasheet Search
  English  ▼

X  

MAX5170BEEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5170BEEE
Description  Low-Power, Serial, 14-Bit DACs with Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5170BEEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5170BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Low-Power, Serial, 14-Bit DACs
with Voltage Output
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX5172
(VDD = +2.7V to +3.6V, VREF = 1.25V, OS = AGND = DGND, RL = 5kΩ, CL = 100pF referenced to ground, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C).
Bits
14
Resolution
MAX5172A
±2
VREF = 1.6Vp-p + 0.8VDC, f = 1kHz,
code = all 0s
dB
MAX5172B
LSB
±4
INL
Integral Nonlinearity (Note 5)
LSB
±1
DNL
Differential Nonlinearity
mV
±10
CONDITIONS
VOS
Offset Error (Note 2)
RL = ∞
LSB
-0.6
±4
GE
Gain Error
RL = 5kΩ
-1.6
±8
-80
µV/V
10
120
PSRR
Power-Supply Rejection Ratio
f = 100kHz
LSBp-p
2
Output Noise Voltage
nV/
√Hz
80
Output Thermal Noise Density
V
0VDD - 1.4
VREF
Reference Input Range
k
Ω
18
RREF
Reference Input Resistance
VREF = 0.5Vp-p + 0.75VDC, slew-rate limited
kHz
350
Reference -3dB Bandwidth
VREF = 0.6Vp-p + 0.9VDC, f = 10kHz,
code = 3FFF hex
dB
78
SINAD
Signal-to-Noise Plus Distortion
Ratio
Reference Feedthrough
V
2.2
VIH
Input High Voltage
V
0.8
VIL
Input Low Voltage
mV
200
VHYS
Input Hysteresis
VIN = 0 or VDD
µA
0.001
±1
IIN
Input Leakage Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
pF
8
CIN
Input Capacitance
ISOURCE = 2mA
V
VDD - 0.5
VOH
Output High Voltage
ISINK = 2mA
V
0.13
0.4
VOL
Output Low Voltage
STATIC PERFORMANCE
REFERENCE
MULTIPLYING-MODE PERFORMANCE
DIGITAL INPUT
DIGITAL OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com