Electronic Components Datasheet Search
  English  ▼

X  

MAX5171BEEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5171BEEE
Description  Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5171BEEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5171BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Daisy-Chaining Devices
The serial data output pin (DOUT) allows multiple
MAX5171/MAX5173s to be daisy-chained together, as
shown in Figure 8. The advantage of this is that only
two lines are needed to control all of the DACs on the
line. The disadvantage is that it takes
n commands to
program the DACs. Figure 9 shows several MAX5171/
MAX5173s sharing one common DIN signal line. In this
configuration, the data bus is common to all devices.
However, this configuration uses more I/O lines
because each device requires a dedicated CS line.
The benefit is that only one command is needed to pro-
gram any DAC.
Using an AC Reference
The MAX5171/MAX5173 accepts reference voltages
with AC components as long as the reference voltage
remains between 0 and VDD - 1.4V. Figure 10 shows a
technique for applying a sine-wave signal to the REF.
The reference voltage must remain above AGND.
Digitally Programmable Current Source
The circuit of Figure 11 places an NPN transistor
(2N3904 or similar) within the op amp feedback loop to
implement a digitally programmable, unidirectional cur-
rent source. The output current is calculated with the
following equation:
where N is the numeric value of the DAC’s binary input
code and R is the sense resistor shown in Figure 11.
I
VN
R
OUT
REF
=
⋅
⋅16384
Low-Power, Serial, 14-Bit DACs
with Force/Sense Voltage Output
______________________________________________________________________________________
13
DAC CONTENTS
MSB
LSB
11 1111 1111 1111
10 0000 0000 0001
2
· VREF (8193/16384)
2
· VREF (16383/16384)
ANALOG OUTPUT
10 0000 0000 0000
2
· VREF (8192/16384)
01 1111 1111 1111
2
· VREF (8191/16384)
00 0000 0000 0001
2
· VREF (1/16384)
00 0000 0000 0000
0
DAC
VOUT
V+
V-
+5V/+3.3V
REF
10k
10k
FB
OUT
VDD
GND
MAX5171
MAX5173
Figure 7. Bipolar Output Circuit
Table 2. Unipolar Code Table
(Circuit of Figure 6)
Table 3. Bipolar Code Table
(Circuit of Figure 7)
MAX5171
MAX5173
DAC
REF
OUT
10k
10k
GND
+5V/+3.3V
VDD
FB
Figure 6. Unipolar Output Circuit (Rail-to-Rail)
DAC CONTENTS
MSB
LSB
11 1111 1111 1111
10 0000 0000 0001
+VREF [(2 · 8193/16384) - 1]
+VREF [(2 · 16383/16384) - 1]
ANALOG OUTPUT
01 1111 1111 1111
+VREF [(2 · 8191/16384) - 1]
00 0000 0000 0001
+VREF [(2 · 1/16384) - 1]
10 0000 0000 0000
+VREF [(2 · 8192/16384) - 1]
00 0000 0000 0000
-VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com