Electronic Components Datasheet Search
  English  ▼

X  

MAX5171BEEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5171BEEE
Description  Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5171BEEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5171BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5171BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Power, Serial, 14-Bit DACs
with Force/Sense Voltage Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX5171
(VDD = +5.0V ±10%, VREF = +2.5V, AGND = DGND, FB = OUT, RL = 5kΩ, CL = 100pF referenced to ground, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND, DGND ............................................-0.3V to +6.0V
AGND to DGND.....................................................-0.3V to +0.3V
Digital Inputs to DGND..........................................-0.3V to +6.0V
DOUT, UPO to DGND ................................-0.3V to (VDD + 0.3V)
FB, OUT, REF to AGND .............................-0.3V to (VDD + 0.3V)
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
16-pin QSOP (derate 8mW/°C above +70°C)..............667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Bits
14
Resolution
MAX5171A
±1
MAX5171B
LSB
±2
INL
Integral Nonlinearity (Note 1)
LSB
±1
DNL
Differential Nonlinearity
mV
±10
VOS
Offset Error (Note 2)
RL = ∞
LSB
-0.6
±4
GE
Gain Error
RL = 5kΩ
-1.6
±8
µV/V
10
120
PSRR
Power-Supply Rejection Ratio
f = 100kHz
LSBp-p
1
Output Noise Voltage
nV/
√Hz
50
Output Thermal Noise Density
V
0VDD - 1.4
VREF
Reference Input Range
k
Ω
18
RREF
Reference Input Resistance
VREF = 0.5Vp-p + 2.5VDC, slew-rate limited
kHz
350
Reference -3dB Bandwidth
VREF = 1.4Vp-p + 2.5VDC, f = 10kHz,
code = 3FFF hex
dB
84
SINAD
Signal-to-Noise Plus Distortion
Ratio
V
3
VIH
Input High Voltage
V
0.8
VIL
Input Low Voltage
mV
200
VHYS
Input Hysteresis
VIN = 0 or VDD
µA
0.001
±1
IIN
Input Leakage Current
pF
8
CIN
Input Capacitance
ISOURCE = 2mA
V
VDD - 0.5
VOH
Output High Voltage
ISINK = 2mA
V
0.13
0.4
VOL
Output Low Voltage
VREF = 3.6Vp-p + 1.8VDC, f = 1kHz,
code = all 0s
dB
-84
Reference Feedthrough
STATIC PERFORMANCE
REFERENCE
MULTIPLYING-MODE PERFORMANCE
DIGITAL INPUTS
DIGITAL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com