Electronic Components Datasheet Search
  English  ▼

X  

MAX522 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX522
Description  Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX522 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX522 Datasheet HTML 4Page - Maxim Integrated Products MAX522 Datasheet HTML 5Page - Maxim Integrated Products MAX522 Datasheet HTML 6Page - Maxim Integrated Products MAX522 Datasheet HTML 7Page - Maxim Integrated Products MAX522 Datasheet HTML 8Page - Maxim Integrated Products MAX522 Datasheet HTML 9Page - Maxim Integrated Products MAX522 Datasheet HTML 10Page - Maxim Integrated Products MAX522 Datasheet HTML 11Page - Maxim Integrated Products MAX522 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Digital Inputs
The digital inputs are compatible with CMOS logic.
Supply current increases slightly when toggling the
logic inputs through the transition zone between
(0.3)(VDD) and (0.7)(VDD).
Microprocessor Interfacing
The MAX522 serial interface is compatible with
Microwire, SPI, and QSPI. For SPI, clear the CPOL and
CPHA bits (CPOL = 0 and CPHA = 0). CPOL = 0 sets
the inactive clock state to zero and CPHA = 0 changes
data at the falling edge of SCLK. This setting allows SPI
to run at full clock speeds (0.5MHz). If a serial port is
not available on your µP, three bits of a parallel port can
be used to emulate a serial port by bit manipulation.
Minimize digital feedthrough at the voltage outputs by
operating the serial clock only when necessary.
Dual, 8-Bit, Voltage-Output
Serial DAC in 8-Pin SO Package
10
______________________________________________________________________________________
1LSB
REF
2
REF
1
256
ANALOG OUTPUT
REF
D
256
8
=×
=
×


=×


−
Table 4. Code Table
CS
SCLK
DIN
tDS
tDH
tCL
tCH
tCSS
tCSPWH
tCSH
Figure 3. MAX522 Detailed Serial-Interface Timing Diagram
0V
0
0
0
0
0
0
0
0
+× 


REF
1
256
1
0
0
0
0
0
0
0
+× 


REF
127
256
1
1
1
1
1
1
1
0
+× 
 =+
REF
128
256
REF
2
0
0
0
0
0
0
0
1
+× 


REF
129
256
1
0
0
0
0
0
0
1
+× 


REF
255
256
1
1
1
1
1
1
1
1
ANALOG
OUTPUT
B0
B1
B2
B3
B4
B5
B6
B7
DAC CONTENTS
Note:
where D = Decimal
Value of Digital Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com