Electronic Components Datasheet Search
  English  ▼

X  

MAX522 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX522
Description  Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX522 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX522 Datasheet HTML 4Page - Maxim Integrated Products MAX522 Datasheet HTML 5Page - Maxim Integrated Products MAX522 Datasheet HTML 6Page - Maxim Integrated Products MAX522 Datasheet HTML 7Page - Maxim Integrated Products MAX522 Datasheet HTML 8Page - Maxim Integrated Products MAX522 Datasheet HTML 9Page - Maxim Integrated Products MAX522 Datasheet HTML 10Page - Maxim Integrated Products MAX522 Datasheet HTML 11Page - Maxim Integrated Products MAX522 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Dual, 8-Bit, Voltage-Output
Serial DAC in 8-Pin SO Package
______________________________________________________________________________________
11
______________
Applications Information
The MAX522 is specified for single-supply operation
with VDD ranging from 2.7V to 5.5V, covering all com-
monly used supply voltages in 3V and 5V systems.
Initialization
There is no internal power-on reset. Therefore, at
power-up, perform an initial write operation to set the
outputs to the desired voltage.
Power-Supply and
Ground Management
GND should be connected to the highest quality
ground available. Bypass VDD with a 0.1µF to 0.22µF
capacitor to GND. The reference input can be used
without bypassing. For optimum line/load-transient
response and noise performance, bypass the refer-
ence input with 0.1µF to 4.7µF to GND. Careful PC
board layout minimizes crosstalk among DAC outputs,
the reference, and digital inputs. Separate analog lines
with ground traces between them. Make sure that high-
frequency digital lines are not routed in parallel to ana-
log lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com