Electronic Components Datasheet Search
  English  ▼

X  

ICS84330CI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS84330CI
Description  Crystal oscillator interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84330CI Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS84330CI Datasheet HTML 1Page - Integrated Device Technology ICS84330CI Datasheet HTML 2Page - Integrated Device Technology ICS84330CI Datasheet HTML 3Page - Integrated Device Technology ICS84330CI Datasheet HTML 4Page - Integrated Device Technology ICS84330CI Datasheet HTML 5Page - Integrated Device Technology ICS84330CI Datasheet HTML 6Page - Integrated Device Technology ICS84330CI Datasheet HTML 7Page - Integrated Device Technology ICS84330CI Datasheet HTML 8Page - Integrated Device Technology ICS84330CI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ICS84330CVI REVISION A JANUARY 7, 2011
5
©2011 Integrated Device Technology, Inc.
ICS84330CI Data Sheet
720MHZ, CRYSTAL-TO-LVPECL FREQUENCY SYNTHESIZER
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 3.3V±5%, VEE = 0V, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = 3.3V±5%, VEE = 0V, TA = -40°C to 85°C
Table 4C. LVPECL DC Characteristics, VCC = 3.3V±5%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
 to V
CC -2V.
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
28 Lead PLCC
32 Lead LQFP
37.8
C/W (0 lfpm)
47.9
C/W (0 lfpm)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
3.135
3.3
3.465
V
VCCA
Analog Supply Voltage
3.135
3.3
3.465
V
ICC
Power Supply Current
160
mA
ICCA
Analog Supply Current
17
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High Current
M0-M8, N0, N1, OE,
nP_LOAD, XTAL_SEL
VCC = VIN = 3.465V
5
µA
S_LOAD, S_CLOCK
FREF_EXT, S_DATA
VCC = VIN = 3.465V
150
µA
IIL
Input
Low Current
M0-M8, N0, n1, OE,
nP_LOAD, XTAL_SEL
VCC = 3.465V, VIN = 0V
-150
µA
S_LOAD, S_CLOCK
FREF_EXT, S_DATA
VCC = 3.465V, VIN = 0V
-5
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCC - 1.4
VCC - 0.9
V
VOL
Output Low Voltage; NOTE 1
VCC - 2.0
VCC - 1.7
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com