Electronic Components Datasheet Search
  English  ▼

X  

ICS84330CI Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS84330CI
Description  Crystal oscillator interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84330CI Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS84330CI Datasheet HTML 10Page - Integrated Device Technology ICS84330CI Datasheet HTML 11Page - Integrated Device Technology ICS84330CI Datasheet HTML 12Page - Integrated Device Technology ICS84330CI Datasheet HTML 13Page - Integrated Device Technology ICS84330CI Datasheet HTML 14Page - Integrated Device Technology ICS84330CI Datasheet HTML 15Page - Integrated Device Technology ICS84330CI Datasheet HTML 16Page - Integrated Device Technology ICS84330CI Datasheet HTML 17Page - Integrated Device Technology ICS84330CI Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ICS84330CVI REVISION A JANUARY 7, 2011
14
©2011 Integrated Device Technology, Inc.
ICS84330CI Data Sheet
720MHZ, CRYSTAL-TO-LVPECL FREQUENCY SYNTHESIZER
3. Calculations and Equations.
The purpose of this section is to calculate the power dissipation for the LVPECL output pair.
LVPECL output driver circuit and termination are shown in Figure 7.
Figure 7. LVPECL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load, and a termination voltage of
VCC - 2V.
•
For logic high, VOUT = VOH_MAX = VCC_MAX - 0.9V
(VCC_MAX - VOH_MAX) = 0.9V
•
For logic low, VOUT = VOL_MAX = VCC_MAX - 1.7V
(VCC_MAX - VOL_MAX) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(VOH_MAX - (VCC_MAX -2V))/RL] * (VCC_MAX - VOH_MAX) = [(2V - (VCC_MAX - VOH_MAX))/RL] * (VCC_MAX - VOH_MAX) =
[(2V - 0.9V)/50
] * 0.9V = 19.8mW
Pd_L = [(VOL_MAX - (VCC_MAX -2V))/RL] * (VCC_MAX - VOL_MAX) = [(2V - (VCC_MAX - VOL_MAX))/RL] * (VCC_MAX - VOL_MAX) =
[(2V - 1.7V)/50
] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
V
OUT
V
CC
V
CC - 2V
Q1
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com