Electronic Components Datasheet Search
  English  ▼

X  

EC32L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC32L
Description  EC32LXX2.4GHz802.11b/g/n Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC32L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC32L Datasheet HTML 1Page - List of Unclassifed Manufacturers EC32L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Econais_EC32LXX_WiSmart_Modules_ProdBrief_Ver6
All trademarks are the property of their respective owners
Radio Technology
2.4GHz IEEE 802.11b/g/n
Power supply
3.3V
Antenna
SMD or U.FL
Max TX power
18 dBm
Max RX sensitivity
-94 dBm
Storage Temp.
-50 to +125 °C
Optimal Operating Temp.
-30 to +85 °C
Max Operating Temp.
-40 to +85 °C
Max Distance
400m open space line of sight
Roaming
<20 ms
Certification
FCC, EC, IC, TELEC, RoHS
SpecificaCons'
Features'
•  ChibiOS/RT RTOS
•  Wi-Fi Client and Ad-Hoc support
•  Wi-Fi AP support with up to 5 clients
•  WPA Personal & Enterprise (with TLS)
•  WPS 2.0 Pin and Push Button Methods
•  HTTPS/SSL
•  Over-The-Air (OTA) Firmware Upgrades
•  Advanced Roaming Algorithms
•  DHCP Client/Server
•  Configurable Web Server
•  IPv4, TCP/UDP sockets
•  Cloud services support
•  Open source ARM toolchain
•  Free sample code provided
EC32LXX'Dimensions'(mm)'
EvaluaCon'and'Development'Kits'
EC32LXX'Module'SelecCon'
Resource'
EC32L13'
EC32L14'
EC32L24'
EC32L44'
Processor (MCU)
STM32F103RF
ARM Cortex-M3
32bit
STM32F103RG
ARM Cortex-M3
32bit
STM32F205RG
ARM Cortex-M3
32bit
STM32F405RG
ARM Cortex-M4
32bit
Clock
72MHz
72MHz
120MHz
168MHz
Flash for user apps
150KB
400KB
400KB
400KB
RAM for user apps
30KB
30KB
95KB
160KB
GPIOs
25x
25x
25x
25x
USARTs
3
3
3
3
UARTs
2
2
Serial2Wi-Fi
Yes
Yes
Yes
Yes
DLNA DMR/DMS
Yes
Yes
Yes
Yes
OTA FW
Yes
Yes
Yes
Yes
WPA/WPA2
Yes
Yes
Yes
Yes
SSL/HTTPS
Yes
Yes
Yes
Yes
Shutdown
3.1uA
3.1uA
2.8uA
3.5uA
Connected Idle(1) (DTIM3)
1.9mA
1.9mA
2.2mA
3.7mA
TX/RX (TCP)
10/16 Mbps
10/16 Mbps
18 Mbps
22 Mbps
EC32L13DK
© 2013-2014 Econais Inc., All Rights Reserved
EC32L13WADK
(1) DTIM:5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com